Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8741Ai-EN Datasheet(PDF) 87 Page - Microchip Technology

Part # LAN8741Ai-EN
Description  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8741Ai-EN Datasheet(HTML) 87 Page - Microchip Technology

Back Button LAN8741Ai-EN Datasheet HTML 83Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 84Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 85Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 86Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 87Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 88Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 89Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 90Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 91Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 106 page
background image
2013-2015 Microchip Technology Inc.
DS00001988A-page 87
LAN8741A/LAN8741Ai
Note 1: Measured at line side of transformer, line replaced by 100 Ω (±1%) resistor.
2: Offset from 16 ns pulse width at 50% of pulse peak.
3: Measured differentially.
Note 1: Min/max voltages guaranteed as measured with 100 Ω resistive load.
5.6
AC Specifications
This section details the various AC timing specifications of the device.
5.6.1
EQUIVALENT TEST LOAD
Output timing specifications assume a 25 pF equivalent test load, unless otherwise noted, as illustrated in Figure 5-1
below.
TABLE 5-6:
100BASE-TX TRANSCEIVER CHARACTERISTICS
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
Peak Differential Output Voltage High
VPPH
950
-
1050
mVpk
(see Note 1)
Peak Differential Output Voltage Low
VPPL
-950
-
-1050
mVpk
(see Note 1)
Signal Amplitude Symmetry
VSS
98
-
102
%
(see Note 1)
Signal Rise and Fall Time
TRF
3.0
-
5.0
ns
(see Note 1)
Rise and Fall Symmetry
TRFS
-
-
0.5
ns
(see Note 1)
Duty Cycle Distortion
DCD
35
50
65
%
(see Note 2)
Overshoot and Undershoot
VOS
--
5
%
Jitter
1.4
ns
(see Note 3)
TABLE 5-7:
10BASE-T TRANSCEIVER CHARACTERISTICS
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
Transmitter Peak Differential Output Voltage
VOUT
2.2
2.5
2.8
V
(see Note 1)
Receiver Differential Squelch Threshold
VDS
300
420
585
mV
FIGURE 5-1:
OUTPUT EQUIVALENT TEST LOAD
25 pF
OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com