Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8741Ai-EN Datasheet(PDF) 65 Page - Microchip Technology

Part # LAN8741Ai-EN
Description  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8741Ai-EN Datasheet(HTML) 65 Page - Microchip Technology

Back Button LAN8741Ai-EN Datasheet HTML 61Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 62Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 63Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 64Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 65Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 66Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 67Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 68Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 106 page
background image
2013-2015 Microchip Technology Inc.
DS00001988A-page 65
LAN8741A/LAN8741Ai
4.3
MDIO Manageable Device (MMD) Registers
The device MMD registers adhere to the IEEE 802.3-2008 45.2 MDIO Interface Registers specification. The MMD reg-
isters are not memory mapped. These registers are accessed indirectly via the MMD Access Control Register and MMD
Access Address/Data Register. The supported MMD device addresses are 3 (PCS), 7 (Auto-Negotiation), and 30 (Ven-
dor Specific). Table 4-3, "MMD Registers" details the supported registers within each MMD device.
To read or write an MMD register, the following procedure must be observed:
1.
Write the MMD Access Control Register with 00b (address) for the MMD Function field and the desired MMD
device (3 for PCS, 7 for Auto-Negotiation) for the MMD Device Address (DEVAD) field.
2.
Write the MMD Access Address/Data Register with the 16-bit address of the desired MMD register to read/write
within the previously selected MMD device (PCS or Auto-Negotiation).
3.
Write the MMD Access Control Register with 01b (data) for the MMD Function field and choose the previously
selected MMD device (3 for PCS, 7 for Auto-Negotiation) for the MMD Device Address (DEVAD) field.
4.
If reading, read the MMD Access Address/Data Register, which contains the selected MMD register contents. If
writing, write the MMD Access Address/Data Register with the register contents intended for the previously
selected MMD register.
TABLE 4-3:
MMD REGISTERS
MMD Device
Address
(In Decimal)
Index
(In Decimal)
Register Name
3
(PCS)
0
PCS Control 1 Register
1
PCS Status 1 Register
5
PCS MMD Devices Present 1 Register
6
PCS MMD Devices Present 2 Register
20
EEE Capability Register
22
EEE Wake Error Register
7
(Auto-Negotiation)
5
Auto-Negotiation MMD Devices Present 1 Register
6
Auto-Negotiation MMD Devices Present 2 Register
60
EEE Advertisement Register
61
EEE Link Partner Advertisement Register
30
(Vendor Specific)
2
Vendor Specific MMD 1 Device ID 1 Register
3
Vendor Specific MMD 1 Device ID 2 Register
5
Vendor Specific 1 MMD Devices Present 1 Register
6
Vendor Specific 1 MMD Devices Present 2 Register
8
Vendor Specific MMD 1 Status Register
14
Vendor Specific MMD 1 package ID 1 Register
15
Vendor Specific MMD 1 package ID 2 Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com