Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8741Ai-EN Datasheet(PDF) 56 Page - Microchip Technology

Part # LAN8741Ai-EN
Description  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8741Ai-EN Datasheet(HTML) 56 Page - Microchip Technology

Back Button LAN8741Ai-EN Datasheet HTML 52Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 53Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 54Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 55Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 56Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 57Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 58Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 59Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 106 page
background image
LAN8741A/LAN8741Ai
DS00001988A-page 56
2013-2015 Microchip Technology Inc.
4.2.11
MMD ACCESS ADDRESS/DATA REGISTER
This register in conjunction with the MMD Access Control Register provides indirect access to the MDIO Manageable
Device (MMD) registers. Refer to Section 4.3, "MDIO Manageable Device (MMD) Registers" for additional details.
Index (In Decimal):
14
Size:
16 bits
Bits
Description
Type
Default
15:0
MMD Register Address/Data
If the MMD Function field of the MMD Access Control Register is “00”, this
field is used to indicate the MMD register address to read/write of the device
specified in the MMD Device Address (DEVAD) field. Otherwise, this register
is used to read/write data from/to the previously specified MMD address.
R/W
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com