Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8741Ai-EN Datasheet(PDF) 33 Page - Microchip Technology

Part # LAN8741Ai-EN
Description  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8741Ai-EN Datasheet(HTML) 33 Page - Microchip Technology

Back Button LAN8741Ai-EN Datasheet HTML 29Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 30Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 31Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 32Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 33Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 34Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 35Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 36Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 106 page
background image
2013-2015 Microchip Technology Inc.
DS00001988A-page 33
LAN8741A/LAN8741Ai
3.8
Miscellaneous Functions
3.8.1
LEDS
Two LED signals are provided as a convenient means to indicate the transceiver's mode of operation. All LED signals
are either active high or active low as described in Section 3.8.1.1, "REGOFF and LED1 Polarity Selection" and Section
3.8.1.2, "nINTSEL and LED2 Polarity Selection".
The LED1 output is driven active whenever the device detects a valid link, and blinks when CRS is active (high) indicat-
ing activity.
The LED2 output is driven active when the operating speed is 100 Mbps. This LED will go inactive when the operating
speed is 10 Mbps or during line isolation.
3.8.1.1
REGOFF and LED1 Polarity Selection
The REGOFF configuration strap is shared with the LED1 pin. The LED1 output will automatically change polarity based
on the presence of an external pull-up resistor. If the LED1 pin is pulled high to VDD2A by an external pull-up resistor
to select a logical high for REGOFF, then the LED1 output will be active low. If the LED1 pin is pulled low by the internal
pull-down resistor to select a logical low for REGOFF, the LED1 output will then be an active high output. Figure 3-7
details the LED1 polarity for each REGOFF configuration.
Note:
When pulling the LED1 and LED2 pins high, they must be tied to VDD2A, NOT VDDIO.
FIGURE 3-7:
LED1/REGOFF POLARITY CONFIGURATION
Note:
Refer to Section 3.7.4, "REGOFF: Internal +1.2 V Regulator Configuration" for additional information on
the REGOFF configuration strap.
LED1/REGOFF
~270
REGOFF = 0 (Regulator ON)
LED output = Active High
~270
VDD2A
REGOFF = 1 (Regulator OFF)
LED output = Active Low
LED1/REGOFF
10K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com