Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8741Ai-EN Datasheet(PDF) 35 Page - Microchip Technology

Part # LAN8741Ai-EN
Description  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8741Ai-EN Datasheet(HTML) 35 Page - Microchip Technology

Back Button LAN8741Ai-EN Datasheet HTML 31Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 32Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 33Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 34Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 35Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 36Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 37Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 38Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 106 page
background image
2013-2015 Microchip Technology Inc.
DS00001988A-page 35
LAN8741A/LAN8741Ai
When in EDPD mode, the device’s NLP characteristics may be modified. The device can be configured to transmit NLPs
in EDPD via the EDPD TX NLP Enable bit of the EDPD NLP/Crossover Time/EEE Configuration Register. When
enabled, the TX NLP time interval is configurable via the EDPD TX NLP Interval Timer Select field of the EDPD
NLP/Crossover Time/EEE Configuration Register. When in EDPD mode, the device can also be configured to wake on
the reception of one or two NLPs. Setting the EDPD RX Single NLP Wake Enable bit of the EDPD NLP/Crossover
Time/EEE Configuration Register will enable the device to wake on reception of a single NLP. If the EDPD RX Single
NLP Wake Enable bit is cleared, the maximum interval for detecting reception of two NLPs to wake from EDPD is con-
figurable via the EDPD RX NLP Max Interval Detect Select field of the EDPD NLP/Crossover Time/EEE Configuration
Register.
3.8.4
ENERGY EFFICIENT ETHERNET
The device supports IEEE 802.3az Energy Efficient Ethernet (EEE). The EEE functionality is enabled/disabled via the
PHY Energy Efficient Ethernet Enable (PHYEEEEN) bit of the EDPD NLP/Crossover Time/EEE Configuration Register.
Energy Efficient Ethernet is disabled by default. In order for EEE to be utilized, the following conditions must be met:
• The device must configured in MII mode (RMIISEL configuration strap low)
• The nINT/TXER/TXD4 pin must be configured as TXER/TXD4 (nINTSEL configuration strap low)
• EEE functionality must be enabled via the PHY Energy Efficient Ethernet Enable (PHYEEEEN) bit of the EDPD
NLP/Crossover Time/EEE Configuration Register
•The 100BASE-TX EEE bit of the MMD EEE Advertisement Register must be set
• The selected MAC and link-partner must support and be configured for EEE operation
• The device and link-partner must link in 100BASE-TX full-duplex mode
The value of the PHY Energy Efficient Ethernet Enable (PHYEEEEN) bit affects the default values of the following reg-
ister bits:
• 100BASE-TX EEE bit of the MMD EEE Capability Register
• 100BASE-TX EEE bit of the MMD EEE Advertisement Register
3.8.5
ISOLATE MODE
The device data paths may be electrically isolated from the MII/RMII interface by setting the Isolate bit of the Basic Con-
trol Register to “1”. In isolation mode, the transceiver does not respond to the TXD, TXEN and TXER inputs, but does
respond to management transactions.
Isolation provides a means for multiple transceivers to be connected to the same MII/RMII interface without contention.
By default, the transceiver is not isolated (on power-up (Isolate =0).
3.8.6
RESETS
The device provides two forms of reset: hardware and software. The device registers are reset by both hardware and
software resets. Select register bits, indicated as “NASR” in the register definitions, are not cleared by a software reset.
The registers are not reset by the power-down modes described in Section 3.8.3.
3.8.6.1
Hardware Reset
A hardware reset is asserted by driving the nRST input pin low. When driven, nRST should be held low for the minimum
time detailed in Section 5.6.2, "Power-On nRST & Configuration Strap Timing" to ensure a proper transceiver reset.
During a hardware reset, an external clock must be supplied to the XTAL1/CLKIN signal.
Note:
EEE cannot be used in RMII mode.
Note:
For the first 16 µs after coming out of reset, the MII/RMII interface will run at 2.5 MHz. After this time, it will
switch to 25 MHz if auto-negotiation is enabled.
Note:
A hardware reset (nRST assertion) is required following power-up. Refer to Section 5.6.2, "Power-On
nRST & Configuration Strap Timing" for additional information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com