Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8741Ai-EN Datasheet(PDF) 11 Page - Microchip Technology

Part # LAN8741Ai-EN
Description  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8741Ai-EN Datasheet(HTML) 11 Page - Microchip Technology

Back Button LAN8741Ai-EN Datasheet HTML 7Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 8Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 9Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 10Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 11Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 12Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 13Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 14Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 106 page
background image
2013-2015 Microchip Technology Inc.
DS00001988A-page 11
LAN8741A/LAN8741Ai
Note 1: Configuration strap values are latched on power-on reset and system reset. Configuration straps are iden-
tified by an underlined symbol name. Signals that function as configuration straps must be augmented with
an external resistor when connected to a load. Refer to Section 3.7, "Configuration Straps" for additional
information.
TABLE 2-3:
SERIAL MANAGEMENT INTERFACE (SMI) PINS
Num Pins
Name
Symbol
Buffer Type
Description
1SMI Data
Input/Output
MDIO
VIS/
VO8
(PU)
Serial Management Interface data input/output
1
SMI Clock
MDC
VIS
Serial Management Interface clock
TABLE 2-4:
ETHERNET PINS
Num Pins
Name
Symbol
Buffer Type
Description
1
Ethernet
TX/RX Posi-
tive Channel
1
TXP
AIO
Transmit/Receive Positive Channel 1
1
Ethernet
TX/RX Nega-
tive Channel
1
TXN
AIO
Transmit/Receive Negative Channel 1
1
Ethernet
TX/RX Posi-
tive Channel
2
RXP
AIO
Transmit/Receive Positive Channel 2
1
Ethernet
TX/RX Nega-
tive Channel
2
RXN
AIO
Transmit/Receive Negative Channel 2
TABLE 2-5:
MISCELLANEOUS PINS
Num Pins
Name
Symbol
Buffer Type
Description
1
External
Crystal
Input
XTAL1
ICLK
External crystal input
External
Clock Input
CLKIN
ICLK
Single-ended clock oscillator input.
Note:
When using a single ended clock
oscillator, XTAL2 should be left uncon-
nected.
1
External
Crystal Out-
put
XTAL2
OCLK
External crystal output
1
External
Reset
nRST
VIS
(PU)
System reset. This signal is active low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com