Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1370 Datasheet(PDF) 7 Page - ams AG

Part # AS1370
Description  Input voltage from 2.6V to 50V
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1370 Datasheet(HTML) 7 Page - ams AG

Back Button AS1370 Datasheet HTML 3Page - ams AG AS1370 Datasheet HTML 4Page - ams AG AS1370 Datasheet HTML 5Page - ams AG AS1370 Datasheet HTML 6Page - ams AG AS1370 Datasheet HTML 7Page - ams AG AS1370 Datasheet HTML 8Page - ams AG AS1370 Datasheet HTML 9Page - ams AG AS1370 Datasheet HTML 10Page - ams AG AS1370 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
ams Datasheet
Page 7
[v2-00] 2016-Jun-01
Document Feedback
AS1370 − Electrical Characteristics
Note(s):
1. Dropout voltage = VIN - VOUT when VOUT is 100mV < VOUT for VIN = VOUT(NOMINAL) +1V (applies only to output voltages ≥ 2.6V).
2. VOUT(NOMINAL) ≥ 1.6V.
3. The rise and fall time of the shutdown signal must not exceed 100ns.
4. The delay time is defined as time required to set VOUT to 95% of its final nominal value.
Shutdown(3)
tON
Exit delay from
shutdown(4)
1.25
5
ms
IOFF
Shutdown current
SHDN = VIN
0.6
1.2
μA
VIH
Shutdown digital input
threshold
SHDN decreasing
1.6
V
VIL
SHDN increasing
0.4
ISHDN
Shutdown input bias
current
SHDN = VIN
0.1
30
nA
Power-OK Output
VPOK
Power-OK voltage
threshold
VOUT falling
93
95
97
% VOUT
Hysteresis
1
IPOK
Power-OK leakage
current
0
≤ VPOK ≤ VOUT,
VOUT in regulation
50
nA
Thermal Protection
TSHDN
Thermal shutdown
temperature
170
ºC
∆T
SHDN
Thermal shutdown
hysteresis
15
ºC
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com