Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1370 Datasheet(PDF) 6 Page - ams AG

Part # AS1370
Description  Input voltage from 2.6V to 50V
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1370 Datasheet(HTML) 6 Page - ams AG

Back Button AS1370 Datasheet HTML 2Page - ams AG AS1370 Datasheet HTML 3Page - ams AG AS1370 Datasheet HTML 4Page - ams AG AS1370 Datasheet HTML 5Page - ams AG AS1370 Datasheet HTML 6Page - ams AG AS1370 Datasheet HTML 7Page - ams AG AS1370 Datasheet HTML 8Page - ams AG AS1370 Datasheet HTML 9Page - ams AG AS1370 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Page 6
ams Datasheet
Document Feedback
[v2-00] 2016-Jun-01
AS1370 − Electrical Characteristics
All limits are guaranteed. The parameters with Min and Max
values are guaranteed with production tests or SQC (Statistical
Quality Control) methods.
VIN = VOUT(NOMINAL) + 1V, or VIN = 2.6V (whichever is greater),
SHDN = GND, CIN = COUT = 1μF, IOUT = 100μA;
TAMB = -40°C to 125°C (unless otherwise specified);
typical values are at TAMB = 25ºC.
Figure 7:
Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIN
Input voltage
2.6
50
V
VOUT
Output voltage
1.2
5.5
V
Acc
DC output voltage
accuracy
TAMB = 25°C
-1
+1
%
TAMB = -40°C to 125°C,
IOUT = 100μA to 200mA
-4
+4
ILIM
Short circuit current
230
370
mA
IQ
Ground pin current
IOUT = 0mA
38
μA
IOUT = 200mA
3.7
TAMB = 85°C, IOUT = 0mA
6.7
VDROP
Dropout voltage(1)
IOUT = 100mA
280
600
mV
IOUT = 200mA
550
TAMB = 85°C, IOUT = 100mA
500
∆V
LNR
Line regulation(2)
VIN = VOUT(NOMINAL) + 1V to 50V
-0.05
+0.05
%/V
∆V
LDR
Load regulation
IOUT = 1mA to 200mA
0.01
%/mA
PSRR
Power Supply Rejection
Ratio
f = 1kHz, IOUT = 10mA
50
dB
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com