Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1370 Datasheet(PDF) 28 Page - ams AG

Part # AS1370
Description  Input voltage from 2.6V to 50V
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1370 Datasheet(HTML) 28 Page - ams AG

Back Button AS1370 Datasheet HTML 20Page - ams AG AS1370 Datasheet HTML 21Page - ams AG AS1370 Datasheet HTML 22Page - ams AG AS1370 Datasheet HTML 23Page - ams AG AS1370 Datasheet HTML 24Page - ams AG AS1370 Datasheet HTML 25Page - ams AG AS1370 Datasheet HTML 26Page - ams AG AS1370 Datasheet HTML 27Page - ams AG AS1370 Datasheet HTML 28Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
Page 28
ams Datasheet
Document Feedback
[v2-00] 2016-Jun-01
AS1370 − Content Guide
1
General Description
1
Key Benefits & Features
2
Applications
3Block Diagram
4Pin Assignment
5Absolute Maximum Ratings
6
Electrical Characteristics
8
Typical Operating Characteristics
12
Detailed Description
12
Output Voltages
12
Power-OK Functionality
13
Current Limiting
13
Thermal-Overload Protection
14
Application Information
14
Dropout Voltage
15
Efficiency
15
Power Dissipation
16
Junction Temperature
17
Explanation of Steady State Specifications
17
Line Regulation
17
Load Regulation
17
Setting Accuracy
18
Total Accuracy
18
Explanation of Dynamic Specifications
18
Power Supply Rejection Ratio (PSRR)
18
Output Capacitor ESR
19
Input Capacitor
19
Noise
19
Load Transient Response
20
Turn On Time
20
Thermal Protection
21
Package Drawings & Markings
23
Ordering & Contact Information
24
RoHS Compliant & ams Green Statement
25
Copyrights & Disclaimer
26
Document Status
27
Revision Information
Content Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com