Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1370 Datasheet(PDF) 5 Page - ams AG

Part # AS1370
Description  Input voltage from 2.6V to 50V
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1370 Datasheet(HTML) 5 Page - ams AG

  AS1370 Datasheet HTML 1Page - ams AG AS1370 Datasheet HTML 2Page - ams AG AS1370 Datasheet HTML 3Page - ams AG AS1370 Datasheet HTML 4Page - ams AG AS1370 Datasheet HTML 5Page - ams AG AS1370 Datasheet HTML 6Page - ams AG AS1370 Datasheet HTML 7Page - ams AG AS1370 Datasheet HTML 8Page - ams AG AS1370 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
ams Datasheet
Page 5
[v2-00] 2016-Jun-01
Document Feedback
AS1370 − Absolute Maximum Ratings
Stresses beyond those listed in Absolute Maximum Ratings may
cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other
conditions beyond those indicated in Electrical Characteristics
is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
Figure 6:
Absolute Maximum Ratings
Parameter
Min
Max
Units
Notes
Electrical Parameters
IN
-0.9
+55
V
SHDN
-0.3
VIN + 0.3
V
OUT
-0.3
VIN + 0.3
V
POK
-0.3
VOUT + 0.3
V
Latch-Up Immunity
-100
+100
mA
Electrostatic Discharge
Electrostatic Discharge HBM
±1.5
kV
MIL 883 E method 3015
Temperature Ranges and Storage Conditions
Thermal Resistance
θJA
36
°C/W
Junction-to-ambient thermal resistance
is very dependent on application and
board-layout. In situations where high
maximum power dissipation exists,
special attention must be paid to
thermal dissipation during board
design.
Operating Temperature
Range
-40
125
°C
Storage Temperature Range
-65
150
°C
Package Body Temperature
260
°C
The reflow peak soldering temperature
(body temperature) specified is in
accordance with IPC/JEDEC J-STD-020
“Moisture/Reflow Sensitivity
Classification for Non-Hermetic Solid
State Surface Mount Devices”.
The lead finish for Pb-free leaded
packages is matte tin (100% Sn).
Relative Humidity
(non-condensing)
585
%
Moisture Sensitivity Level
1
Represents a max. floor life time of
“Unlimited”
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com