Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1370 Datasheet(PDF) 19 Page - ams AG

Part # AS1370
Description  Input voltage from 2.6V to 50V
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1370 Datasheet(HTML) 19 Page - ams AG

Back Button AS1370 Datasheet HTML 15Page - ams AG AS1370 Datasheet HTML 16Page - ams AG AS1370 Datasheet HTML 17Page - ams AG AS1370 Datasheet HTML 18Page - ams AG AS1370 Datasheet HTML 19Page - ams AG AS1370 Datasheet HTML 20Page - ams AG AS1370 Datasheet HTML 21Page - ams AG AS1370 Datasheet HTML 22Page - ams AG AS1370 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
ams Datasheet
Page 19
[v2-00] 2016-Jun-01
Document Feedback
AS1370 − Application Information
Input Capacitor
An input capacitor at VIN is required for stability. It is
recommended that a 1.0μF capacitor be connected between
the AS1370 power supply input pin VIN and ground
(capacitance value may be increased without limit subject to
ESR limits). This capacitor must be located at a distance of not
more than 1cm from the VIN pin and returned to a clean analog
ground. Any good quality ceramic, tantalum, or film capacitor
may be used at the input.
Noise
The regulator output is a DC voltage with superimposed noise
on the output. The noise comes from three sources: the
reference, the error amplifier input stage and the output
voltage setting resistors. Noise is a random fluctuation: if noise
is not minimized in some applications, it will produce system
problems.
Load Transient Response
The series regulator is a negative feedback system: therefore
any change at the output will take a finite time to be corrected
by the error loop. This “propagation time” is related to the
bandwidth of the error loop. The initial response to an output
transient comes from the output capacitance; during this time,
ESR is the dominant mechanism causing voltage transients at
the output. More generally:
[V]
Thus an initial +50mA change of output current will produce a
-12mV transient when the ESR=240m
Ω. Remember to keep the
ESR within stability recommendations when reducing ESR by
adding multiple parallel output capacitors.
After the initial ESR transient, there follows a voltage drop
during the time that the LDO feedback loop takes to respond
to the output change. This drift is approximately linear in time
and sums with the ESR contribution to make a total transient
variation at the output of:
[V]
Where:
CLOAD = load capacitor [F];
T= propagation delay of the LDO [s].
(EQ14)
δV
TRANSIENT
δI
OUT
ESR
×
=
(EQ15)
δV
TRANSIENT
δI
OUT
ESR
T
C
LOAD
------------------
+


×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com