Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1370 Datasheet(PDF) 13 Page - ams AG

Part # AS1370
Description  Input voltage from 2.6V to 50V
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1370 Datasheet(HTML) 13 Page - ams AG

Back Button AS1370 Datasheet HTML 9Page - ams AG AS1370 Datasheet HTML 10Page - ams AG AS1370 Datasheet HTML 11Page - ams AG AS1370 Datasheet HTML 12Page - ams AG AS1370 Datasheet HTML 13Page - ams AG AS1370 Datasheet HTML 14Page - ams AG AS1370 Datasheet HTML 15Page - ams AG AS1370 Datasheet HTML 16Page - ams AG AS1370 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
ams Datasheet
Page 13
[v2-00] 2016-Jun-01
Document Feedback
AS1370 − Detailed Description
Current Limiting
The AS1370 include current limiting circuitry to protect against
short-circuit conditions. The circuitry monitors and controls the
gate voltage of the P-channel MOSFET, limiting the output
current to 370mA. The P-channel MOSFET output can be
shorted to ground for an indefinite period of time without
damaging the device.
Thermal-Overload Protection
The devices are protected against thermal runaway conditions
by the integrated thermal sensor circuitry. Thermal shutdown
is an effective tool to prevent die overheating since the power
transistor is the principle heat source in the device.
If the junction temperature exceeds 170°C, the thermal sensor
starts the shutdown logic, at which point the P-channel MOSFET
is switched off. After the device temperature has dropped by
approximately 15°C, the thermal sensor will turn the P-channel
MOSFET on again. Note that this will be exhibited as a pulsed
output under continuous thermal-overload conditions.
Note(s): The absolute maximum junction-temperature of
170°C should not be exceeding during continual operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com