Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1370 Datasheet(PDF) 12 Page - ams AG

Part # AS1370
Description  Input voltage from 2.6V to 50V
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1370 Datasheet(HTML) 12 Page - ams AG

Back Button AS1370 Datasheet HTML 8Page - ams AG AS1370 Datasheet HTML 9Page - ams AG AS1370 Datasheet HTML 10Page - ams AG AS1370 Datasheet HTML 11Page - ams AG AS1370 Datasheet HTML 12Page - ams AG AS1370 Datasheet HTML 13Page - ams AG AS1370 Datasheet HTML 14Page - ams AG AS1370 Datasheet HTML 15Page - ams AG AS1370 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Page 12
ams Datasheet
Document Feedback
[v2-00] 2016-Jun-01
AS1370 − Detailed Description
The AS1370 is a low-dropout, low-quiescent-current linear
regulators intended for LDO regulator applications where
output current load requirements range from no load to 200mA.
The AS1370 also features a Power-OK output to indicate when
the output is within 5% of final value, and also a Shutdown pin.
Shutdown current for the whole regulator is typically 600nA.
The device features integrated short-circuit and over current
protection. Undervoltage lockout prevents erratic operation
when the input voltage is slowly decaying (e.g. in a battery
powered application). Thermal protection shuts down the
device when die temperature reaches 170°C. This is a useful
protection when the device is under sustained short circuit
conditions.
Figure 3 shows the block diagram of the AS1370. It identifies
the basics of a series linear regulator employing a P-Channel
MOSFET as the control element. A stable 1.2V voltage reference
(REF in Figure 3) is compared with an attenuated sample of the
output voltage. Any difference between the two voltages
(reference and sample) creates an output from the error
amplifier that drives the series control element to reduce the
difference to a minimum. The error amplifier incorporates
additional buffering to drive the relatively large gate
capacitance of the series pass P-channel MOSFET, when
additional drive current is required under transient conditions.
Input supply variations are absorbed by the series element, and
output voltage variations with loading are absorbed by the low
output impedance of the regulator.
Output Voltages
Standard products are factory-set with output voltages from
1.2V. A two-digit suffix of the part number identifies the
nominal out (see Ordering Information). Non-standard devices
are available. For more information contact
www.ams.com/contact.
Power-OK Functionality
The AS1370’s Power-OK is built around a N-channel MOSFET.
The Power-OK feature is not active during shutdown and
provides a power-on-reset function that can operate down to
VIN = 1.2V. A capacitor to GND may be added to generate a
power-on-reset delay. To obtain a logic-level output, connect a
pull-up resistor from pin POK to pin OUT. Larger values for this
resistor will help to minimize current consumption; a 100k
Ω
resistor is perfect for most applications (see Figure 2).
Detailed Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com