Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1370 Datasheet(PDF) 20 Page - ams AG

Part # AS1370
Description  Input voltage from 2.6V to 50V
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1370 Datasheet(HTML) 20 Page - ams AG

Back Button AS1370 Datasheet HTML 16Page - ams AG AS1370 Datasheet HTML 17Page - ams AG AS1370 Datasheet HTML 18Page - ams AG AS1370 Datasheet HTML 19Page - ams AG AS1370 Datasheet HTML 20Page - ams AG AS1370 Datasheet HTML 21Page - ams AG AS1370 Datasheet HTML 22Page - ams AG AS1370 Datasheet HTML 23Page - ams AG AS1370 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Page 20
ams Datasheet
Document Feedback
[v2-00] 2016-Jun-01
AS1370 − Application Information
This shows why it is convenient to increase the output capacitor
value for a better support for fast load changes. Of course the
formula holds for t < “propagation time”, so that a faster LDO
needs a smaller cap at the load to achieve a similar transient
response. For instance, 50mA load current step produces 50mV
output drop if the LDO response is 1μs and the load cap is 1μF.
There is also a steady state error caused by the finite output
impedance of the regulator. This is derived from the load
regulation specification discussed above.
Turn On Time
This specification defines the time taken for the LDO to awake
from shutdown. The time is measured from the release of the
shutdown pin to the time that the output voltage is within 5%
of the final value. It assumes that the voltage at VIN is stable and
within the regulator min and max limits. Shutdown reduces the
quiescent current to very low, mostly leakage values (<1μA
typ.).
Thermal Protection
To prevent operation under extreme fault conditions, such as a
permanent short circuit at the output, thermal protection is
built into the device. Die temperature is measured, and when a
170°C threshold is reached, the device enters shutdown. When
the die cools sufficiently, the device will restart (assuming input
voltage exists and the device is enabled). Hysteresis of 15°C
prevents low frequency oscillation between start-up and
shutdown around the temperature threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com