Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1370 Datasheet(PDF) 14 Page - ams AG

Part # AS1370
Description  Input voltage from 2.6V to 50V
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1370 Datasheet(HTML) 14 Page - ams AG

Back Button AS1370 Datasheet HTML 10Page - ams AG AS1370 Datasheet HTML 11Page - ams AG AS1370 Datasheet HTML 12Page - ams AG AS1370 Datasheet HTML 13Page - ams AG AS1370 Datasheet HTML 14Page - ams AG AS1370 Datasheet HTML 15Page - ams AG AS1370 Datasheet HTML 16Page - ams AG AS1370 Datasheet HTML 17Page - ams AG AS1370 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Page 14
ams Datasheet
Document Feedback
[v2-00] 2016-Jun-01
AS1370 − Application Information
Dropout Voltage
Dropout is the input to output voltage difference, below which
the linear regulator ceases to regulate. At this point, the output
voltage change follows the input voltage change. Dropout
voltage may be measured at different currents and in particular
at the regulator maximum one. From this the MOSFET maximum
series resistance over temperature is obtained. More generally:
Dropout is a key specification when the regulator is used in a
battery application. The dropout performance of the regulator
defines the useful “end of life” of the battery before
replacement or re-charge is required.
Figure 16:
Graphical Representation of Dropout Voltage
Figure 16 shows the variation of VOUT as VIN is varied for a
certain load current. The practical value of dropout is the
differential voltage (VOUT - VIN) measured at the point where
the LDO output voltage has fallen by 100mV below the nominal,
fully regulated output value. The nominal regulated output
voltage of the LDO is that obtained when there is 500mV (or
greater) input-output voltage differential.
Application Information
(EQ1)
V
DROPOUT
I
LOAD
R
SERIES
×
=
VOUT
VIN
VIN
VIN
VOUT
VOUT
VIN ≥ VOUT + 0.5V
100mV
Dropout
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com