Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1370 Datasheet(PDF) 23 Page - ams AG

Part # AS1370
Description  Input voltage from 2.6V to 50V
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1370 Datasheet(HTML) 23 Page - ams AG

Back Button AS1370 Datasheet HTML 19Page - ams AG AS1370 Datasheet HTML 20Page - ams AG AS1370 Datasheet HTML 21Page - ams AG AS1370 Datasheet HTML 22Page - ams AG AS1370 Datasheet HTML 23Page - ams AG AS1370 Datasheet HTML 24Page - ams AG AS1370 Datasheet HTML 25Page - ams AG AS1370 Datasheet HTML 26Page - ams AG AS1370 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
ams Datasheet
Page 23
[v2-00] 2016-Jun-01
Document Feedback
AS1370 − Ordering & Contact Information
The device is available as the standard products listed in
Figure 21.
Figure 21:
Ordering Information
Note(s):
1. Non-standard devices are available between 1.2V and 5.5V in 100mV steps.
Buy our products or get free samples online at:
www.ams.com/ICdirect
Technical Support is available at:
www.ams.com/Technical-Support
Provide feedback about this document at:
www.ams.com/Document-Feedback
For further information and requests, e-mail us at:
ams_sales@ams.com
For sales offices, distributors and representatives, please visit:
www.ams.com/contact
Headquarters
ams AG
Tobelbaderstrasse 30
8141 Premstaetten
Austria, Europe
Tel: +43 (0) 3136 500 0
Website: www.ams.com
Ordering Code
Output
Voltage
Package
Marking
Code
Delivery
Form
Delivery
Quantity
AS1370-ATDT-27
2.7V
8-Pin MLPD
3mm x 3mm
ASV1
Tape & Reel
1000 pcs/reel
AS1370-ATDT-28
2.8V
8-Pin MLPD
3mm x 3mm
ASV2
Tape & Reel
1000 pcs/reel
AS1370-ATDT-33
3.3V
8-Pin MLPD
3mm x 3mm
ASQA
Tape & Reel
1000 pcs/reel
AS1370-ATDT-
SAMPLE(1)
XX(1)
8-Pin MLPD
3mm x 3mm
ASQK
Tape & Reel
1000 pcs/reel
Ordering & Contact Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com