Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1370 Datasheet(PDF) 2 Page - ams AG

Part # AS1370
Description  Input voltage from 2.6V to 50V
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1370 Datasheet(HTML) 2 Page - ams AG

  AS1370 Datasheet HTML 1Page - ams AG AS1370 Datasheet HTML 2Page - ams AG AS1370 Datasheet HTML 3Page - ams AG AS1370 Datasheet HTML 4Page - ams AG AS1370 Datasheet HTML 5Page - ams AG AS1370 Datasheet HTML 6Page - ams AG AS1370 Datasheet HTML 7Page - ams AG AS1370 Datasheet HTML 8Page - ams AG AS1370 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Page 2
ams Datasheet
Document Feedback
[v2-00] 2016-Jun-01
AS1370 − General Description
Applications
The wide input voltage range, low quiescent current and
high-accuracy output voltage make the devices perfectly suited
for a wide variety of industrial sensors, automotive and
battery-powered applications, where the regulators have to be
always on. The devices are also ideal for many other industrial
applications.
Figure 2:
AS1370 Typical Application Diagram
• Over-temperature and over-current protection
and shutdown
• Integrated temperature and output power
monitoring
• Cost-effective, small PCB area needed
• Less external components needed
• Small 8-pin MLPD 3mm x 3mm package
Benefits
Features
AS1370
IN
SHDN
OUT
POK
COUT
1uF
CIN
1uF
Output
1.2V to 5.5V
GND
ON
OFF
Input
2.6V to 50V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com