Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1370 Datasheet(PDF) 4 Page - ams AG

Part # AS1370
Description  Input voltage from 2.6V to 50V
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1370 Datasheet(HTML) 4 Page - ams AG

  AS1370 Datasheet HTML 1Page - ams AG AS1370 Datasheet HTML 2Page - ams AG AS1370 Datasheet HTML 3Page - ams AG AS1370 Datasheet HTML 4Page - ams AG AS1370 Datasheet HTML 5Page - ams AG AS1370 Datasheet HTML 6Page - ams AG AS1370 Datasheet HTML 7Page - ams AG AS1370 Datasheet HTML 8Page - ams AG AS1370 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Page 4
ams Datasheet
Document Feedback
[v2-00] 2016-Jun-01
AS1370 − Pin Assignment
Figure 4:
Pin Diagram of AS1370 (Top View)
Figure 5:
Pin Description
Pin Name
Pin Number
Description
IN
1
Unregulated Input Voltage. This pin should be connected to the
positive terminal of the input capacitor. Bypass with 1μF capacitor to
GND. Input voltage can range from 2.6V to 50V.
SHDN
2
Active-High Shutdown Input. A logic high reduces the ground pin
current to < 1μA. Connect this pin to GND for normal operation.
NC
3
Not Connected. This pins must be not connected.
GND
4
Ground.
POK
5
Power-OK Output. Active-low, open-drain output indicates an
out-of-regulation condition. Connect a 100k
Ω pull-up resistor to pin OUT
for logic levels. Leave this pin unconnected if the Power-OK feature is not
used.
NC
6
Not Connected. This pins is not connected.
OUT
7
Regulated Output Voltage. This pin should be connected to the positive
side of the load and to the positive terminal of the output capacitor.
Current flowing out of this pin is equivalent to a DC load current. Fixed
1.2, 1.8, 2.5, 3.0, 3.3, 4.5, 5.0 and 5.5V output, as well as versions from 1.2V
up to 5.5V can be ordered. Bypass with 1μF capacitor to GND.
NC
8
Not Connected. This pin is not connected.
Exposed Pad
9
Exposed Pad. This pin functions as a heat sink. Solder it to a large pad or
to the circuit-board ground plane to maximize power dissipation.
Pin Assignment
1
2
3
4
AS1370
MLPD 8-pin 3x3mm
Exposed pad: GND
9
IN
8
7
6
5
SHDN
NC
GND
NC
OUT
NC
POK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com