Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1370 Datasheet(PDF) 18 Page - ams AG

Part # AS1370
Description  Input voltage from 2.6V to 50V
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1370 Datasheet(HTML) 18 Page - ams AG

Back Button AS1370 Datasheet HTML 14Page - ams AG AS1370 Datasheet HTML 15Page - ams AG AS1370 Datasheet HTML 16Page - ams AG AS1370 Datasheet HTML 17Page - ams AG AS1370 Datasheet HTML 18Page - ams AG AS1370 Datasheet HTML 19Page - ams AG AS1370 Datasheet HTML 20Page - ams AG AS1370 Datasheet HTML 21Page - ams AG AS1370 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Page 18
ams Datasheet
Document Feedback
[v2-00] 2016-Jun-01
AS1370 − Application Information
Total Accuracy
Away from dropout, total steady state accuracy is the sum of
setting accuracy, load regulation and line regulation. Generally:
Total Accuracy % = Setting Accuracy % + Load Regulation % + Line
Regulation %
Explanation of Dynamic Specifications
Power Supply Rejection Ratio (PSRR)
Known also as Ripple Rejection, this specification measures the
ability of the regulator to reject noise and ripple beyond DC.
PSRR depends on a summation of the individual rejections of
the error amplifier, reference and AC leakage through the series
pass transistor. The specification, in the form of a typical
attenuation plot with respect to frequency, shows up the gain
bandwidth compromises forced upon the designer in low load
current conditions. Generally:
PSSR =
[dB] using lower case
to indicate AC
values
Power supply rejection ratio is fixed by the internal design of
the regulator. Additional filtering must be provided externally.
Output Capacitor ESR
The series regulator is a negative feedback amplifier, and as
such is conditionally stable. The ESR of the output capacitor is
usually used to cancel one of the open loop poles of the error
amplifier in order to produce a single pole response; maximum
ESR should be less than 500m
Ω. Excessive ESR values may
actually cause instability by excessive changes to the closed
loop unity gain frequency crossover point. The range of ESR
values for stability is usually shown either by a plot of stable
ESR versus load current, or a limit statement in the datasheet.
Some ceramic capacitors exhibit large capacitance and ESR
variations in temperature. Z5U and Y5V capacitors may be
required to ensure stability at temperatures below TAMB = -10°C.
With X7R or X5R capacitors, a 1.0μF capacitor should be
sufficient at all operating temperatures.
Larger output capacitor values (>10μF) help to further reduce
noise and improve load transient-response, stability and
power-supply rejection.
(EQ12)
(EQ13)
20Log
δV
OUT
δV
IN
---------------------
δ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com