Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1370 Datasheet(PDF) 17 Page - ams AG

Part # AS1370
Description  Input voltage from 2.6V to 50V
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1370 Datasheet(HTML) 17 Page - ams AG

Back Button AS1370 Datasheet HTML 13Page - ams AG AS1370 Datasheet HTML 14Page - ams AG AS1370 Datasheet HTML 15Page - ams AG AS1370 Datasheet HTML 16Page - ams AG AS1370 Datasheet HTML 17Page - ams AG AS1370 Datasheet HTML 18Page - ams AG AS1370 Datasheet HTML 19Page - ams AG AS1370 Datasheet HTML 20Page - ams AG AS1370 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
ams Datasheet
Page 17
[v2-00] 2016-Jun-01
Document Feedback
AS1370 − Application Information
Explanation of Steady State Specifications
Line Regulation
Line regulation is defined as the percentual change in output
voltage when the input (or line) voltage is changed by a known
quantity. It is a measure of the regulator’s ability to maintain a
constant output voltage when the input voltage changes. More
generally:
Line Regulation =
and is a pure number
In practise, line regulation is referred to the regulator output
voltage in terms of % / VOUT. This is particularly useful when the
same regulator is available with numerous output voltage trim
options.
Line Regulation =
[% / V]
Load Regulation
Load regulation is defined as the change of the output voltage
when the load current is changed by a known quantity. It is a
measure of the regulator’s ability to maintain a constant output
voltage when the load changes. Load regulation is a measure
of the DC closed loop output resistance of the regulator. More
generally:
Load Regulation =
[
Ω]
In practise, load regulation is referred to the regulator output
voltage in terms of % / mA. This is particularly useful when the
same regulator is available with numerous output voltage trim
options.
Load Regulation =
[% / mA]
Setting Accuracy
Accuracy of the final output voltage is determined by the
reference accuracy and the input offset voltage of the error
amplifier. When the regulator is supplied pre-trimmed, the
output voltage accuracy is fully defined in the output voltage
specification.
The reference tolerance is given both at 25°C and over the full
operating temperature range.
(EQ8)
ΔV
OUT
ΔV
IN
---------------------
(EQ9)
ΔV
OUT
ΔV
IN
---------------------
100
V
OUT
-----------------
×
(EQ10)
ΔV
OUT
ΔI
OUT
---------------------
(EQ11)
ΔV
OUT
ΔI
OUT
---------------------
100
V
OUT
-----------------
×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com