Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1370 Datasheet(PDF) 1 Page - ams AG

Part # AS1370
Description  Input voltage from 2.6V to 50V
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1370 Datasheet(HTML) 1 Page - ams AG

  AS1370 Datasheet HTML 1Page - ams AG AS1370 Datasheet HTML 2Page - ams AG AS1370 Datasheet HTML 3Page - ams AG AS1370 Datasheet HTML 4Page - ams AG AS1370 Datasheet HTML 5Page - ams AG AS1370 Datasheet HTML 6Page - ams AG AS1370 Datasheet HTML 7Page - ams AG AS1370 Datasheet HTML 8Page - ams AG AS1370 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
ams Datasheet
Page 1
[v2-00] 2016-Jun-01
Document Feedback
AS1370
High Voltage, Low Quiescent Current,
200mA LDO
The AS1370 low-power, positive voltage regulator is designed
to deliver up to 200mA, while consuming only 3μA of quiescent
current. The device is available in fixed output voltages
between 1.2V and 5.5V (programmable in 100mV steps).
Standard options of 1.2, 1.8, 2.5, 3.0, 3.3, 4.5, 5.0 and 5.5V are
also available. The input voltage ranges from 2.6V to a
maximum of 50V. Operation with large input to output
differential voltages is limited by the maximum power
dissipation available from package and environment.
The very-low dropout voltage (550mV @ 200mA load) prolongs
battery life and allows high current in small applications with
minimum input-to-output voltage differentials. The device
features very stable output voltage (using only 1μF ceramic
capacitor), and excellent line- and load-regulation. The AS1370
also features a Power-OK Output. The device features
integrated short-circuit and over current protection. Thermal
Protection shuts down the device when die temperature
reaches 170°C. This is a useful protection when the device is
under sustained short circuit conditions.
The AS1370 is available in an 8-Pin MLPD 3mm x 3mm package
and is qualified for -40°C to 125°C operation.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of AS1370, High Voltage, Low
Quiescent Current, 200mA LDO are listed below:
Figure 1:
Added Value of Using AS1370
Benefits
Features
• Ideal for industrial or automotive applications
• Input voltage from 2.6V to 50V
• Operating temperature from -40°C to 125°C
• Ideal for a battery-driven always-on regulator
• Very low quiescent current of 3
μA
• Supports a variety of end applications
• Guaranteed output current of 200mA
• Output voltage from 1.2V to 5.5V
• Power-OK indication
General Description


Similar Part No. - AS1370

ManufacturerPart #DatasheetDescription
logo
JSC ALFA.
AS13704 ALFA-AS13704 Datasheet
630Kb / 4P
Quad Operational Transconductance Amplifiers (OTA) with linearizing diodes
AS13704D ALFA-AS13704D Datasheet
630Kb / 4P
Quad Operational Transconductance Amplifiers (OTA) with linearizing diodes
More results

Similar Description - AS1370

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8023GQW RICHTEK-RT8023GQW Datasheet
391Kb / 19P
Converter Input Voltage Range : 2.6V to 5.5V, LDO Input Voltage Range : 2.4V to 5.5V
logo
M.S. Kennedy Corporatio...
MSK5500-15 MSK-MSK5500-15 Datasheet
491Kb / 5P
Input Voltage from Vout Dropout to 40V
logo
Elite Semiconductor Mem...
F59L1G81A ESMT-F59L1G81A Datasheet
1Mb / 35P
Voltage Supply: 2.6V ~ 3.6V
logo
International Rectifier
IR3823M IRF-IR3823M_15 Datasheet
2Mb / 41P
Single input voltage range from 5V to 21V
IR3827M IRF-IR3827M_15 Datasheet
2Mb / 44P
Single input voltage range from 5V to 21V
logo
Maxim Integrated Produc...
MAX7044EVKIT MAXIM-MAX7044EVKIT Datasheet
6Mb / 32P
Single Input Voltage Supply from 2.1V to 3.6V
Rev 3; 6/21
MAX5388EVMINIQU MAXIM-MAX5388EVMINIQU Datasheet
826Kb / 14P
2.6V to 5.25V Single-Supply Operation
Rev 0; 3/10
MAX1586AEVKIT MAXIM-MAX1586AEVKIT Datasheet
635Kb / 14P
2.6V to 5.5V Single-Supply Operation
Rev 1; 1/07
MAX5386MEVMINIQU MAXIM-MAX5386MEVMINIQU Datasheet
1Mb / 14P
2.6V to 5.25V Single-Supply Operation
Rev 0; 1/10
MAX98302EVKIT MAXIM-MAX98302EVKIT Datasheet
1Mb / 6P
2.6V to 5.5V Single-Supply Operation
19-5218; Rev 0; 4/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com