Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1370 Datasheet(PDF) 15 Page - ams AG

Part # AS1370
Description  Input voltage from 2.6V to 50V
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1370 Datasheet(HTML) 15 Page - ams AG

Back Button AS1370 Datasheet HTML 11Page - ams AG AS1370 Datasheet HTML 12Page - ams AG AS1370 Datasheet HTML 13Page - ams AG AS1370 Datasheet HTML 14Page - ams AG AS1370 Datasheet HTML 15Page - ams AG AS1370 Datasheet HTML 16Page - ams AG AS1370 Datasheet HTML 17Page - ams AG AS1370 Datasheet HTML 18Page - ams AG AS1370 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
ams Datasheet
Page 15
[v2-00] 2016-Jun-01
Document Feedback
AS1370 − Application Information
Efficiency
Low quiescent current and low input-output voltage
differential are important in battery applications amongst
others, as the regulator efficiency is directly related to
quiescent current and dropout voltage. Efficiency is given by:
Efficiency =
%
Where:
IQ= Quiescent current of LDO measured.
Power Dissipation
The power dissipated by the internal series MOSFET PD(MAX)
(Seriespass) is calculated as:
PD(MAX) (Seriespass) =
[W]
Internal power dissipation PD(MAX) (Bias), result of the quiescent
current required to bias the internal voltage reference and the
error amplifier, is calculated as:
PD(MAX) (Bias) =
[W]
The maximum power dissipation PD(MAX) (Total) of the LDO is
calculated as:
PD(MAX) (Total) = PD(MAX) (Seriespass) + PD(MAX) (Bias) [W]
(EQ2)
V
OUT
I
LOAD
×
V
IN
I
Q
I
LOAD
+
()
×
-------------------------------------------------
100
×
(EQ3)
V
IN MAX
() VOUT MIN
()
–
() I
LOAD MAX
()
×
(EQ4)
V
IN MAX
()
I
Q
×
(EQ5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com