Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1370 Datasheet(PDF) 16 Page - ams AG

Part # AS1370
Description  Input voltage from 2.6V to 50V
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1370 Datasheet(HTML) 16 Page - ams AG

Back Button AS1370 Datasheet HTML 12Page - ams AG AS1370 Datasheet HTML 13Page - ams AG AS1370 Datasheet HTML 14Page - ams AG AS1370 Datasheet HTML 15Page - ams AG AS1370 Datasheet HTML 16Page - ams AG AS1370 Datasheet HTML 17Page - ams AG AS1370 Datasheet HTML 18Page - ams AG AS1370 Datasheet HTML 19Page - ams AG AS1370 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Page 16
ams Datasheet
Document Feedback
[v2-00] 2016-Jun-01
AS1370 − Application Information
Junction Temperature
Under operating conditions, the maximum junction
temperature should not exceed 125°C. Regulating the
maximum junction temperature requires knowledge of the
heat path from junction to case
ΘJC [°C/W] fixed by the IC
manufacturer, and adjustment of the case to ambient heat path
ΘCA [°C/W] by manipulation of the PCB copper area adjacent to
the IC position.
Figure 17:
Steady State Heat Flow Equivalent Circuit
Total Thermal Path Resistance (junction-to-ambient) is
determined by:
θJA = θJC + θCS + θSA [ºC/W]
Junction Temperature is determined by:
TJ = PD(MAX) × θJA + TAMB [ºC]
Junction
TJ
Package
TC
PCB
TS
Ambient
TA
RθJC
RθCS
RθSA
RθJA
(EQ6)
(EQ7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com