Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F467DA Datasheet(PDF) 35 Page - Cypress Semiconductor

Part # MB91F467DA
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F467DA Datasheet(HTML) 35 Page - Cypress Semiconductor

Back Button MB91F467DA Datasheet HTML 31Page - Cypress Semiconductor MB91F467DA Datasheet HTML 32Page - Cypress Semiconductor MB91F467DA Datasheet HTML 33Page - Cypress Semiconductor MB91F467DA Datasheet HTML 34Page - Cypress Semiconductor MB91F467DA Datasheet HTML 35Page - Cypress Semiconductor MB91F467DA Datasheet HTML 36Page - Cypress Semiconductor MB91F467DA Datasheet HTML 37Page - Cypress Semiconductor MB91F467DA Datasheet HTML 38Page - Cypress Semiconductor MB91F467DA Datasheet HTML 39Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 137 page
background image
Document Number: 002-04613 Rev. *A
Page 35 of 137
MB91460D Series
9.3.3 Address mapping from CPU to parallel programming mode
The following tables show the calculation from CPU addresses to flash macro addresses which are used in parallel programming.
Address mapping MB91F467Dx
Note: FA result is without 20:0000h offset for parallel Flash programming.
Set offset by keeping FA[21] = 1 as described in section “Parallel Flash programming mode”.
Address mapping MB91F465DA
Note: FA result is without 10:0000h offset for parallel Flash programming.
Set offset by keeping FA[20] = 1 as described in section “Parallel Flash programming mode”
.
CPU Address
(addr)
Condition
Flash
sectors
FA (flash address) Calculation
14:0000h
to
14:FFFFh
addr[2]==0
SA0, SA2, SA4, SA6
(8 Kbyte)
FA := addr - addr%00:4000h + (addr%00:4000h)/2
- (addr/2)%4 + addr%4 - 05:0000h
14:0000h
to
14:FFFFh
addr[2]==1
SA1, SA3, SA5, SA7
(8 Kbyte)
FA := addr - addr%00:4000h + (addr%00:4000h)/2
- (addr/2)%4 + addr%4 - 05:0000h
+ 00:2000h
04:0000h
to
13:FFFFh
addr[2]==0
SA8, SA10, SA12, SA14, SA16,
SA18, SA20, SA22
(64 Kbyte)
FA := addr - addr%02:0000 + (addr%02:0000h)/2
- (addr/2)%4 + addr%4 + 0C:0000h
04:0000h
to
13:FFFFh
addr[2]==1
SA9, SA11, SA13, SA15, SA17,
SA19, SA21, SA23
(64 Kbyte)
FA := addr - addr%02:0000h + (addr%02:0000h)/2
- (addr/2)%4 + addr%4 + 0C:0000h
+ 01:0000h
CPU Address
(addr)
Condition
Flash
sectors
FA (flash address) Calculation
14:8000h
to
14:FFFFh
addr[2]==0
SA4, SA6
(8 Kbyte)
FA := addr - addr%00:4000h + (addr%00:4000h)/2
- (addr/2)%4 + addr%4 - 0D:0000h
14:8000h
to
14:FFFFh
addr[2]==1
SA5, SA7
(8 Kbyte)
FA := addr - addr%00:4000h + (addr%00:4000h)/2
- (addr/2)%4 + addr%4 - 0D:0000h
+ 00:2000h
08:0000h
to
0F:FFFFh
addr[2]==0
SA12, SA14, SA16, SA18
(64 Kbyte)
FA := addr - addr%02:0000 + (addr%02:0000h)/2
- (addr/2)%4 + addr%4 + 00:0000h
08:0000h
to
0F:FFFFh
addr[2]==1
SA13, SA15, SA17, SA19
(64 Kbyte)
FA := addr - addr%02:0000h + (addr%02:0000h)/2
- (addr/2)%4 + addr%4 - 00:0000h
+ 01:0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com