Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F467DA Datasheet(PDF) 29 Page - Cypress Semiconductor

Part # MB91F467DA
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F467DA Datasheet(HTML) 29 Page - Cypress Semiconductor

Back Button MB91F467DA Datasheet HTML 25Page - Cypress Semiconductor MB91F467DA Datasheet HTML 26Page - Cypress Semiconductor MB91F467DA Datasheet HTML 27Page - Cypress Semiconductor MB91F467DA Datasheet HTML 28Page - Cypress Semiconductor MB91F467DA Datasheet HTML 29Page - Cypress Semiconductor MB91F467DA Datasheet HTML 30Page - Cypress Semiconductor MB91F467DA Datasheet HTML 31Page - Cypress Semiconductor MB91F467DA Datasheet HTML 32Page - Cypress Semiconductor MB91F467DA Datasheet HTML 33Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 137 page
background image
Document Number: 002-04613 Rev. *A
Page 29 of 137
MB91460D Series
8.4.3 CCR (Condition Code Register)
SV : Supervisor flag
S : Stack flag
I
: Interrupt enable flag
N : Negative enable flag
Z : Zero flag
V : Overflow flag
C : Carry flag
8.4.4 SCR (System Condition Register)
Flag for step division (D1, D0)
This flag stores interim data during execution of step division.
Step trace trap flag (T)
This flag indicates whether the step trace trap is enabled or disabled.
The step trace trap function is used by emulators. When an emulator is in use, it cannot be used in execution of user programs.
8.4.5 ILM (Interrupt Level Mask register)
This register stores interrupt level mask values, and the values stored in ILM4 to ILM0 are used for level masking.
The register is initialized to value “01111B” at reset.
8.4.6 PC (Program Counter)
The program counter indicates the address of the instruction that is being executed.
The initial value at reset is undefined.
- 000XXXXB
bit 0
bit 1
bit 2
bit 3
bit 4
bit 5
bit 6
bit 7
C
V
Z
N
I
S
SV
Initial value
bit 10
bit 8
bit 9
D1
D0
T
XX0B
Initial value
bit 18
bit 16
bit 17
ILM2 ILM1 ILM0
01111B
ILM3
ILM4
bit 20 bit 19
Initial value
bit 0
bit 31
XXXXXXXXH
Initial value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com