Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F467DA Datasheet(PDF) 99 Page - Cypress Semiconductor

Part # MB91F467DA
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F467DA Datasheet(HTML) 99 Page - Cypress Semiconductor

Back Button MB91F467DA Datasheet HTML 95Page - Cypress Semiconductor MB91F467DA Datasheet HTML 96Page - Cypress Semiconductor MB91F467DA Datasheet HTML 97Page - Cypress Semiconductor MB91F467DA Datasheet HTML 98Page - Cypress Semiconductor MB91F467DA Datasheet HTML 99Page - Cypress Semiconductor MB91F467DA Datasheet HTML 100Page - Cypress Semiconductor MB91F467DA Datasheet HTML 101Page - Cypress Semiconductor MB91F467DA Datasheet HTML 102Page - Cypress Semiconductor MB91F467DA Datasheet HTML 103Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 137 page
background image
Document Number: 002-04613 Rev. *A
Page 99 of 137
MB91460D Series
15.7.3 LIN-USART Timings at VDD5 = 3.0 to 5.5 V
• Conditions during AC measurements
• All AC tests were measured under the following conditions:
•
- IOdrive = 5 mA
•
- VDD5 = 3.0 V to 5.5 V, Iload = 3 mA
•
- VSS5 = 0 V
•
- Ta = -40°C to +105°C
•
- Cl = 50 pF (load capacity value of pins when testing)
•
- VOL = 0.2 x VDD5
•
- VOH = 0.8 x VDD5
•
- EPILR = 0, PILR = 1 (Automotive Level = worst case)
(VDD5 = 3.0 V to 5.5 V, VSS5 = AVSS5 = 0 V, TA = 40°C to 105°C)
* : Parameter m depends on tSCYCI and can be calculated as :
•if tSCYCI = 2*k*tCLKP, then m = k, where k is an integer > 2
•if tSCYCI = (2*k 1)*tCLKP, then m = k 1, where k is an integer > 1
Notes :
• The above values are AC characteristics for CLK synchronous mode.
• tCLKP is the cycle time of the peripheral clock.
Parameter
Symbol
Pin name
Condition
VDD5 = 3.0 V to 4.5 V
VDD5 = 4.5 V to 5.5 V
Unit
Min
Max
Min
Max
Serial clock
cycle time
tSCYCI
SCKn
Internal
clock
operation
(master
mode)
4 tCLKP
—4 tCLKP
—ns
SCK ↓ → SOT
delay time
tSLOVI
SCKn
SOTn
30
30
20
20
ns
SOT → SCK ↓
delay time
tOVSHI
SCKn
SOTn
m ×
tCLKP 30*
—
m ×
tCLKP 20*
—ns
Valid SIN →
SCK ↑ setup time
tIVSHI
SCKn
SINn
tCLKP 55
—
tCLKP 45
—
ns
SCK ↑ →
valid SIN
hold time
tSHIXI
SCKn
SINn
0—
0
—
ns
Serial clock
“H” pulse width
tSHSLE
SCKn
External
clock
operation
(slave mode)
tCLKP 10
—
tCLKP 10
—
ns
Serial clock
“L” pulse width
tSLSHE
SCKn
tCLKP 10
—
tCLKP 10
—
ns
SCK ↓ →
SOT
delay time
tSLOVE
SCKn
SOTn
—2 tCLKP 55
—
2 tCLKP 45
ns
Valid SIN →
SCK ↑ setup time
tIVSHE
SCKn
SINn
10
—
10
—
ns
SCK ↑ →
valid SIN
hold time
tSHIXE
SCKn
SINn
tCLKP 10
—
tCLKP 10
—
ns
SCK rising time
tFE
SCKn
—
20
—
20
ns
SCK falling time
tRE
SCKn
—
20
—
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com