Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F467DA Datasheet(PDF) 51 Page - Cypress Semiconductor

Part # MB91F467DA
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F467DA Datasheet(HTML) 51 Page - Cypress Semiconductor

Back Button MB91F467DA Datasheet HTML 47Page - Cypress Semiconductor MB91F467DA Datasheet HTML 48Page - Cypress Semiconductor MB91F467DA Datasheet HTML 49Page - Cypress Semiconductor MB91F467DA Datasheet HTML 50Page - Cypress Semiconductor MB91F467DA Datasheet HTML 51Page - Cypress Semiconductor MB91F467DA Datasheet HTML 52Page - Cypress Semiconductor MB91F467DA Datasheet HTML 53Page - Cypress Semiconductor MB91F467DA Datasheet HTML 54Page - Cypress Semiconductor MB91F467DA Datasheet HTML 55Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 137 page
background image
Document Number: 002-04613 Rev. *A
Page 51 of 137
MB91460D Series
(Continued)
(Continued)
Address
Register
Block
 0
 1
 2
 3
0002F4H
TCDT5 [R/W]
XXXXXXXX XXXXXXXX
Reserved
TCCS5 [R/W]
00000000
Free Running
Timer 5
(ICU 6, ICU 7)
0002F8H
TCDT6 [R/W]
XXXXXXXX XXXXXXXX
Reserved
TCCS6 [R/W]
00000000
Free Running
Timer 6
0002FCH
TCDT7 [R/W]
XXXXXXXX XXXXXXXX
Reserved
TCCS7 [R/W]
00000000
Free Running
Timer 7
000300H
Reserved
UDRC0 [W]
00000000
Reserved
UDCR0 [R]
00000000
Up/Down
Counter
0
000304H
UDCCH0 [R/W]
00000000
UDCCL0 [R/W]
00001000
Reserved
UDCS0 [R/W]
00000000
000308H,
00030CH
Reserved
Reserved
000310H
UDRC3 [W]
00000000
UDRC2 [W]
00000000
UDCR3 [R]
00000000
UDCR2 [R]
00000000
Up/Down
Counter
2 to 3
000314H
UDCCH2 [R/W]
00000000
UDCCL2 [R/W]
00001000
Reserved
UDCS2 [R/W]
00000000
000318H
UDCCH3 [R/W]
00000000
UDCCL3 [R/W]
00001000
Reserved
UDCS3 [R/W]
00000000
00031CH
Reserved
Reserved
000320H
GCN13 [R/W]
00110010 00010000
Reserved
GCN23 [R/W]
- - - - 0000
PPG Control
12 to 15
000324H
to
00032CH
Reserved
Reserved
000330H
PTMR12 [R]
11111111 11111111
PCSR12 [W]
XXXXXXXX XXXXXXXX
PPG 12
000334H
PDUT12 [W]
XXXXXXXX XXXXXXXX
PCNH12 [R/W]
0000000 -
PCNL12 [R/W]
000000 - 0
000338H
PTMR13 [R]
11111111 11111111
PCSR13 [W]
XXXXXXXX XXXXXXXX
PPG 13
00033CH
PDUT13 [W]
XXXXXXXX XXXXXXXX
PCNH13 [R/W]
0000000 -
PCNL13 [R/W]
000000 - 0
000340H
PTMR14 [R]
11111111 11111111
PCSR14 [W]
XXXXXXXX XXXXXXXX
PPG 14
000344H
PDUT14 [W]
XXXXXXXX XXXXXXXX
PCNH14 [R/W]
0000000 -
PCNL14 [R/W]
000000 - 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com