Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F467DA Datasheet(PDF) 96 Page - Cypress Semiconductor

Part # MB91F467DA
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F467DA Datasheet(HTML) 96 Page - Cypress Semiconductor

Back Button MB91F467DA Datasheet HTML 92Page - Cypress Semiconductor MB91F467DA Datasheet HTML 93Page - Cypress Semiconductor MB91F467DA Datasheet HTML 94Page - Cypress Semiconductor MB91F467DA Datasheet HTML 95Page - Cypress Semiconductor MB91F467DA Datasheet HTML 96Page - Cypress Semiconductor MB91F467DA Datasheet HTML 97Page - Cypress Semiconductor MB91F467DA Datasheet HTML 98Page - Cypress Semiconductor MB91F467DA Datasheet HTML 99Page - Cypress Semiconductor MB91F467DA Datasheet HTML 100Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 137 page
background image
Document Number: 002-04613 Rev. *A
Page 96 of 137
MB91460D Series
15.6 FLASH memory program/erase characteristics
15.6.1 MB91F465DA
(TA = 25oC, Vcc = 5.0V)
*1:This value was converted from the results of evaluating the reliability of the technology (using Arrhenius equation to convert high
temperature measurements into normalized value at 85oC)
15.6.2 MB91F467Dx
(TA = 25oC, Vcc = 5.0V)
*1: This value was converted from the results of evaluating the reliability of the technology (using Arrhenius equation to convert high
temperature measurements into normalized value at 85oC)
Parameter
Value
Unit
Remarks
Min
Typ
Max
Sector erase time
-
0.9
3.6
s
Erasure programming time not included
Chip erase time
-
n*0.9
n*3.6
s
n is the number of Flash sector of the device
Word (16-bit width) programming
time
-
23
370
μs
System overhead time not included
Programme/Erase cycle
10 000
cycle
Flash data retention time
20
year
*1
Parameter
Value
Unit
Remarks
Min
Typ
Max
Sector erase time
-
0.5
2.0
s
Erasure programming time not included
Chip erase time
-
n*0.5
n*2.0
s
n is the number of Flash sector of the device
Word (16 or 32-bit width) program-
ming time
-
6
100
μs
System overhead time not included
Programme/Erase cycle
10 000
cycle
Flash data retention time
20
year
*1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com