Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F467DA Datasheet(PDF) 72 Page - Cypress Semiconductor

Part # MB91F467DA
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F467DA Datasheet(HTML) 72 Page - Cypress Semiconductor

Back Button MB91F467DA Datasheet HTML 68Page - Cypress Semiconductor MB91F467DA Datasheet HTML 69Page - Cypress Semiconductor MB91F467DA Datasheet HTML 70Page - Cypress Semiconductor MB91F467DA Datasheet HTML 71Page - Cypress Semiconductor MB91F467DA Datasheet HTML 72Page - Cypress Semiconductor MB91F467DA Datasheet HTML 73Page - Cypress Semiconductor MB91F467DA Datasheet HTML 74Page - Cypress Semiconductor MB91F467DA Datasheet HTML 75Page - Cypress Semiconductor MB91F467DA Datasheet HTML 76Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 137 page
background image
Document Number: 002-04613 Rev. *A
Page 72 of 137
MB91460D Series
(Continued)
Interrupt
Interrupt
number
Interrupt level *1
Interrupt vector *2
DMA
Resource
number
Decimal
Hexa-
decimal
Setting
Register
Register
address
Offset
Default Vector
address
Reload Timer 0
32
20
ICR08
448H
37CH
000FFF7CH
4, 32
Reload Timer 1
33
21
378H
000FFF78H
5, 33
Reload Timer 2
34
22
ICR09
449H
374H
000FFF74H
34
Reload Timer 3
35
23
370H
000FFF70H
35
Reload Timer 4
36
24
ICR10
44AH
36CH
000FFF6CH
36
Reload Timer 5
37
25
368H
000FFF68H
37
Reload Timer 6
38
26
ICR11
44BH
364H
000FFF64H
38
Reload Timer 7
39
27
360H
000FFF60H
39
Free Run Timer 0
40
28
ICR12
44CH
35CH
000FFF5CH
40
Free Run Timer 1
41
29
358H
000FFF58H
41
Free Run Timer 2
42
2A
ICR13
44DH
354H
000FFF54H
42
Free Run Timer 3
43
2B
350H
000FFF50H
43
Free Run Timer 4
44
2C
ICR14
44EH
34CH
000FFF4CH
44
Free Run Timer 5
45
2D
348H
000FFF48H
45
Free Run Timer 6
46
2E
ICR15
44FH
344H
000FFF44H
46
Free Run Timer 7
47
2F
340H
000FFF40H
47
CAN 0
48
30
ICR16
450H
33CH
000FFF3CH
—
CAN 1
49
31
338H
000FFF38H
—
CAN 2
50
32
ICR17
451H
334H
000FFF34H
—
System reserved
51
33
330H
000FFF30H
—
System reserved
52
34
ICR18
452H
32CH
000FFF2CH
—
System reserved
53
35
328H
000FFF28H
—
System reserved
54
36
ICR19
453H
324H
000FFF24H
6, 48
System reserved
55
37
320H
000FFF20H
7, 49
System reserved
56
38
ICR20
454H
31CH
000FFF1CH
8, 50
System reserved
57
39
318H
000FFF18H
9, 51
LIN-USART 2 RX
58
3A
ICR21
455H
314H
000FFF14H
52
LIN-USART 2 TX
59
3B
310H
000FFF10H
53
System reserved
60
3C
ICR22
456H
30CH
000FFF0CH
54
System reserved
61
3D
308H
000FFF08H
55
System reserved
62
3E
ICR23 *3
457H
304H
000FFF04H
—
Delayed Interrupt
63
3F
300H
000FFF00H
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com