Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F467DA Datasheet(PDF) 12 Page - Cypress Semiconductor

Part # MB91F467DA
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F467DA Datasheet(HTML) 12 Page - Cypress Semiconductor

Back Button MB91F467DA Datasheet HTML 8Page - Cypress Semiconductor MB91F467DA Datasheet HTML 9Page - Cypress Semiconductor MB91F467DA Datasheet HTML 10Page - Cypress Semiconductor MB91F467DA Datasheet HTML 11Page - Cypress Semiconductor MB91F467DA Datasheet HTML 12Page - Cypress Semiconductor MB91F467DA Datasheet HTML 13Page - Cypress Semiconductor MB91F467DA Datasheet HTML 14Page - Cypress Semiconductor MB91F467DA Datasheet HTML 15Page - Cypress Semiconductor MB91F467DA Datasheet HTML 16Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 137 page
background image
Document Number: 002-04613 Rev. *A
Page 12 of 137
MB91460D Series
(Continued)
(Continued)
Pin no.
Pin name
I/O
I/O circuit
type*
Function
132 to 135
P17_4 to P17_7
I/O
A
General-purpose input/output ports
PPG4 to PPG7
Output pins of PPG timer
136 to 139
P16_0 to P16_3
I/O
A
General-purpose input/output ports
PPG8 to PPG11
PPG timer output pins
140
P16_4
I/O
A
General-purpose input/output port
PPG12
Output pin of PPG timer
SGA
SGA output pin of sound generator
141
P16_5
I/O
A
General-purpose input/output port
PPG13
Output pin of PPG timer
SGO
SGO output pin of sound generator
142
P16_6
I/O
A
General-purpose input/output port
PPG14
Output pin of PPG timer
PFM
Pulse frequency modulator output pin
143
P16_7
I/O
A
General-purpose input/output port
PPG15
PPG timer output pin
ATGX
A/D converter external trigger input pin
147
ALARM_0
I
N
Alarm comparator input pin
148 to 155
P29_0 to P29_7
I/O
B
General-purpose input/output ports
AN0 to AN7
Analog input pins of A/D converter
158
P27_0
I/O
F
General-purpose input/output port
SMC1P0
Controller output pin of Stepper motor
AN16
Analog input pin of A/D converter
159
P27_1
I/O
F
General-purpose input/output port
SMC1M0
Controller output pin of Stepper motor
AN17
Analog input pin of A/D converter
160
P27_2
I/O
F
General-purpose input/output port
SMC2P0
Controller output pin of Stepper motor
AN18
Analog input pin of A/D converter
161
P27_3
I/O
F
General-purpose input/output port
SMC2M0
Controller output pin of Stepper motor
AN19
Analog input pin of A/D converter
164
P27_4
I/O
F
General-purpose input/output port
SMC1P1
Controller output pin of Stepper motor
AN20
Analog input pin of A/D converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com