Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F467DA Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # MB91F467DA
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F467DA Datasheet(HTML) 5 Page - Cypress Semiconductor

  MB91F467DA Datasheet HTML 1Page - Cypress Semiconductor MB91F467DA Datasheet HTML 2Page - Cypress Semiconductor MB91F467DA Datasheet HTML 3Page - Cypress Semiconductor MB91F467DA Datasheet HTML 4Page - Cypress Semiconductor MB91F467DA Datasheet HTML 5Page - Cypress Semiconductor MB91F467DA Datasheet HTML 6Page - Cypress Semiconductor MB91F467DA Datasheet HTML 7Page - Cypress Semiconductor MB91F467DA Datasheet HTML 8Page - Cypress Semiconductor MB91F467DA Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 137 page
background image
Document Number: 002-04613 Rev. *A
Page 5 of 137
MB91460D Series
PPG 16-bit
16 ch
12 ch
12 ch
PFM 16-bit
1 ch
1 ch
1 ch
Sound Generator
1 ch
1 ch
1 ch
Up/Down Counter (8/16-bit)
4 ch (8-bit) / 2 ch (16-bit)
3 ch (8-bit) / 1 ch (16-bit)
3 ch (8-bit) / 1 ch (16-bit)
C_CAN
6 ch (128msg)
3 ch (32msg)
3 ch (32msg)
LIN-USART
4 ch + 4 ch FIFO + 8 ch
1 ch + 4 ch FIFO
1 ch + 4 ch FIFO
I2C (400k)
4 ch
3 ch
3 ch
FR external bus
yes (32bit addr, 32bit data)
yes (26bit addr, 32bit data)
yes (26bit addr, 32bit data)
External Interrupts
16 ch
14 ch
14 ch
NMI Interrupts
1 ch
-
-
SMC
6 ch
6 ch
6 ch
LCD controller (40x4)
1 ch
-
-
ADC (10 bit)
32 ch
24 ch
24 ch
Alarm Comparator
2 ch
1 ch
1 ch
Supply Supervisor
(low voltage detection)
yes
yes
yes
Clock Supervisor
yes
yes
yes
Main clock oscillator
4MHz
4MHz
4MHz
Sub clock oscillator
32kHz
32kHz
32kHz
RC Oscillator
100kHz
100kHz / 2MHz
100kHz / 2MHz
PLL
x 20
x 25
x 24
DSU4
yes
-
-
EDSU
yes (32 BP) *1
yes (16 BP) *1
yes (16 BP) *1
Supply Voltage
3V / 5V
3V / 5V
3V / 5V
Regulator
yes
yes
yes
Power Consumption
n.a.
< 1 W
< 1 W
Temperature Range (Ta)
0..70 C
-40..105 C
-40..105 C
Package
BGA660
QFP208
QFP208
Feature
MB91V460A
MB91F465DA
MB91F467DA
MB91F467DB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com