Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F467DA Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # MB91F467DA
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F467DA Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button MB91F467DA Datasheet HTML 6Page - Cypress Semiconductor MB91F467DA Datasheet HTML 7Page - Cypress Semiconductor MB91F467DA Datasheet HTML 8Page - Cypress Semiconductor MB91F467DA Datasheet HTML 9Page - Cypress Semiconductor MB91F467DA Datasheet HTML 10Page - Cypress Semiconductor MB91F467DA Datasheet HTML 11Page - Cypress Semiconductor MB91F467DA Datasheet HTML 12Page - Cypress Semiconductor MB91F467DA Datasheet HTML 13Page - Cypress Semiconductor MB91F467DA Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 137 page
background image
Document Number: 002-04613 Rev. *A
Page 10 of 137
MB91460D Series
(Continued)
(Continued)
Pin no.
Pin name
I/O
I/O circuit
type*
Function
94
P23_3
I/O
A
General-purpose input/output port
TX1
TX output pin of CAN1
95
P23_4
I/O
A
General-purpose input/output port
RX2
RX input pin of CAN2
INT10
External interrupt input pin
96
P23_5
I/O
A
General-purpose input/output port
TX2
TX output pin of CAN2
97
P22_0
I/O
A
General-purpose input/output port
INT12
External interrupt input pin
98
P22_2
I/O
A
General-purpose input/output port
INT13
External interrupt input pin
99
P22_4
I/O
C
General-purpose input/output port
SDA0
I2C bus data input/output pin
INT14
External interrupt input pin
100
P22_5
I/O
C
General-purpose input/output port
SCL0
I2C bus clock input/output pin
101
P20_0
I/O
A
General-purpose input/output port
SIN2
Data input pin of USART2
AIN0
Up/down counter input pin
102
P20_1
I/O
A
General-purpose input/output port
SOT2
Data output pin of USART2
BIN0
Up/down counter input pin
103
P20_2
I/O
A
General-purpose input/output port
SCK2
Clock input/output pin of USART2
ZIN0
Up/down counter input pin
CK2
External clock input pin of free-run timer 2
106
P19_0
I/O
A
General-purpose input/output port
SIN4
Data input pin of USART4
107
P19_1
I/O
A
General-purpose input/output port
SOT4
Data output pin of USART4
108
P19_2
I/O
A
General-purpose input/output port
SCK4
Clock input/output pin of USART4
CK4
External clock input pin of free-run timer 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com