Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F467DA Datasheet(PDF) 90 Page - Cypress Semiconductor

Part # MB91F467DA
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F467DA Datasheet(HTML) 90 Page - Cypress Semiconductor

Back Button MB91F467DA Datasheet HTML 86Page - Cypress Semiconductor MB91F467DA Datasheet HTML 87Page - Cypress Semiconductor MB91F467DA Datasheet HTML 88Page - Cypress Semiconductor MB91F467DA Datasheet HTML 89Page - Cypress Semiconductor MB91F467DA Datasheet HTML 90Page - Cypress Semiconductor MB91F467DA Datasheet HTML 91Page - Cypress Semiconductor MB91F467DA Datasheet HTML 92Page - Cypress Semiconductor MB91F467DA Datasheet HTML 93Page - Cypress Semiconductor MB91F467DA Datasheet HTML 94Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 137 page
background image
Document Number: 002-04613 Rev. *A
Page 90 of 137
MB91460D Series
Power
supply
current
MB91-
F465DA
ICC
VDD5R
MB91F465DA:
CLKB:
100 MHz
CLKP:
50 MHz
CLKT:
50 MHz
CLKCAN: 50 MHz
-
110
140
mA
Code fetch from
Flash
ICCH
VDD5R
TA =  25°C
-
30
150
μA
At stop mode *7
TA =  105°C
-
300
2000
μA
TA =  25°C
-
100
500
μA
RTC :
4 MHz mode *7
TA =  105°C
-
500
2400
μA
TA =  25°C
-
50
250
μA
RTC :
100 kHz mode *7
TA =  105°C
-
400
2200
μA
ILVE
VDD5-
-
70
150
μA
External low voltage
detection
ILVI
VDD5R
-
-
50
100
μA
Internal low voltage
detection
IOSC
VDD5
-
-
250
500
μA
Main clock
(4 MHz)
--
20
40
μA
Sub clock
(32 kHz)
1. I2C Spec on MB91F467Dx only guaranteed for 4.5 V < VDD5 < 5.5 V.
2. I2C Spec on MB91F467Dx only guaranteed for 4.5 V < VDD5 < 5.5 V.
3. Pnn_m includes all GPIO pins. Analog (AN) channels and PullUp/PullDown are disabled.
4. ANn includes all pins where AN channels are enabled.
5. Pnn_m includes all GPIO pins. The pull up resistors must be enabled by PPER/PPCR setting and the pins must be in input
direction.
6. Pnn_m includes all GPIO pins. The pull down resistors must be enabled by PPER/PPCR setting and the pins must be in input
direction.
7. Main regulator OFF, sub regulator set to 1.2V, Low voltage detection disabled.
8. On MB91F467Dx, the I2C pin consumes typical 200 μA and maximal 400 μA when “L” level is output, even if there is no load
condition. When entering the standby mode while I2C outputs “L”, the above-mentioned current is added to ICCH. The I2C pins
are recommended to use for port input or external interrupt in standby mode.
Parameter
Symbol
Pin
name
Condition
Value
Unit
Remarks
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com