Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F467DA Datasheet(PDF) 86 Page - Cypress Semiconductor

Part # MB91F467DA
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F467DA Datasheet(HTML) 86 Page - Cypress Semiconductor

Back Button MB91F467DA Datasheet HTML 82Page - Cypress Semiconductor MB91F467DA Datasheet HTML 83Page - Cypress Semiconductor MB91F467DA Datasheet HTML 84Page - Cypress Semiconductor MB91F467DA Datasheet HTML 85Page - Cypress Semiconductor MB91F467DA Datasheet HTML 86Page - Cypress Semiconductor MB91F467DA Datasheet HTML 87Page - Cypress Semiconductor MB91F467DA Datasheet HTML 88Page - Cypress Semiconductor MB91F467DA Datasheet HTML 89Page - Cypress Semiconductor MB91F467DA Datasheet HTML 90Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 137 page
background image
Document Number: 002-04613 Rev. *A
Page 86 of 137
MB91460D Series
15.2 Recommended operating conditions
(VSS5 = AVSS5 = 0.0 V)
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the semiconductor device.
All of the device's electrical characteristics are warranted when the device is operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges.
Operation outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on the data sheet.
Users considering application outside the listed conditions are advised to contact their representatives beforehand.
Parameter
Symbol
Value
Unit
Remarks
Min
Typ
Max
Power supply voltage
VDD5
3.0
—
5.5
V
VDD5R
3.0
—
5.5
V
Internal regulator
VDD35
3.0
—
5.5
V
External bus
HVDD5
4.5
—
5.5
V
Stepper motor controller
3.0
—
5.5
V
Stepper motor controller
(when all pins are used as
general-purpose ports)
AVCC5
3.0
—
5.5
V
A/D converter
Smoothing capacitor at
VCC18C pin
CS
—4.7
—
μF
Use a X7R ceramic capacitor or a
capacitor that has similar frequency
characteristics.
Power supply slew rate
—
—
50
V/ms
Operating temperature
TA
 40
—
 105
°C
Stepper motor control
slew rate
40
ns
Cload = 0 pF
Main Oscillation
stabilisation time
10
ms
Look-up time PLL
(4 MHz ->16 ...100MHz)
0.6
ms
ESD Protection
(Human body model)
Vsurge
2kV
Rdischarge = 1.5kΩ
Cdischarge = 100pF
RC Oscillator
fRC100kHz
50
100
200
kHz
VDDCORE ≥ 1.65V
fRC2MHz
12
4
MHz
CS
AVSS5
VSS5
VCC18C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com