Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F467DA Datasheet(PDF) 88 Page - Cypress Semiconductor

Part # MB91F467DA
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F467DA Datasheet(HTML) 88 Page - Cypress Semiconductor

Back Button MB91F467DA Datasheet HTML 84Page - Cypress Semiconductor MB91F467DA Datasheet HTML 85Page - Cypress Semiconductor MB91F467DA Datasheet HTML 86Page - Cypress Semiconductor MB91F467DA Datasheet HTML 87Page - Cypress Semiconductor MB91F467DA Datasheet HTML 88Page - Cypress Semiconductor MB91F467DA Datasheet HTML 89Page - Cypress Semiconductor MB91F467DA Datasheet HTML 90Page - Cypress Semiconductor MB91F467DA Datasheet HTML 91Page - Cypress Semiconductor MB91F467DA Datasheet HTML 92Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 137 page
background image
Document Number: 002-04613 Rev. *A
Page 88 of 137
MB91460D Series
(VDD5 = AVCC5 = 3.0 V to 5.5 V, VSS5 = AVSS5 = 0 V, TA = 40°C to  105°C)
Parameter
Symbol
Pin
name
Condition
Value
Unit
Remarks
Min
Typ
Max
Input “L” volt-
age
VILXDF
X0
—
VSS  0.3
—
0.2 × VDD
V
External clock in
“Fast Clock Input
mode”
Output “H”
voltage
VOH2
Normal
outputs
4.5V
VDD 5.5V,
IOH =  2mA
VDD  0.5
—
—
V
Driving strength set
to 2 mA
3.0V
VDD 4.5V,
IOH =  1.6mA
VOH5
Normal
outputs
4.5V
VDD 5.5V,
IOH =  5mA
VDD  0.5
—
—
V
Driving strength set
to 5 mA
3.0V
VDD 4.5V,
IOH =  3mA
VOH3
I2C
outputs
3.0V
VDD 5.5V,
IOH =  3mA
VDD  0.5
—
—
V
See note *1
VOH30
High
current
outputs
4.5V
VDD 5.5V,
TA = -40°C,
IOH = -40mA
VDD  0.5
V
Driving strength set
to 30mA
4.5V
VDD 5.5V, IOH
= -30mA
3.0V
VDD 4.5V,
IOH = -20mA
Output “L“
voltage
VOL2
Normal
outputs
4.5V
VDD 5.5V,
IOH =  2mA
——
0.4
V
Driving strength set
to 2 mA
3.0V
VDD 4.5V,
IOH =  1.6mA
VOL5
Normal
outputs
4.5V
VDD 5.5V,
IOH =  5mA
——
0.4
V
Driving strength set
to 5 mA
3.0V
VDD 4.5V,
IOH =  3mA
VOL3
I2C
outputs
3.0V
VDD 5.5V,
IOH =  3mA
—
—
0.4
V
See note *2
VOL30
High
current
outputs
4.5V
VDD 5.5V,
TA = -40°C,
IOH = +40mA
0.5
V
Driving strength set
to 30mA
4.5V
VDD 5.5V, IOH
= +30mA
3.0V
VDD 4.5V, IOH
= +20mA
Input leakage
current
IIL
Pnn_m
*3
3.0V
VDD 5.5V
VSS5 < VI < VDD
TA=25°C
 1—
 1
μA
3.0V
VDD 5.5V
VSS5 < VI < VDD
TA=105°C
 3—
 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com