Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F467DA Datasheet(PDF) 74 Page - Cypress Semiconductor

Part # MB91F467DA
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F467DA Datasheet(HTML) 74 Page - Cypress Semiconductor

Back Button MB91F467DA Datasheet HTML 70Page - Cypress Semiconductor MB91F467DA Datasheet HTML 71Page - Cypress Semiconductor MB91F467DA Datasheet HTML 72Page - Cypress Semiconductor MB91F467DA Datasheet HTML 73Page - Cypress Semiconductor MB91F467DA Datasheet HTML 74Page - Cypress Semiconductor MB91F467DA Datasheet HTML 75Page - Cypress Semiconductor MB91F467DA Datasheet HTML 76Page - Cypress Semiconductor MB91F467DA Datasheet HTML 77Page - Cypress Semiconductor MB91F467DA Datasheet HTML 78Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 137 page
background image
Document Number: 002-04613 Rev. *A
Page 74 of 137
MB91460D Series
(Continued)
Interrupt
Interrupt
number
Interrupt level *1
Interrupt vector *2
DMA
Resource
number
Decimal
Hexa-
decimal
Setting
Register
Register
address
Offset
Default Vector
address
Input Capture 4
96
60
ICR40
468H
27CH
000FFE7CH
84
Input Capture 5
97
61
278H
000FFE78H
85
Input Capture 6
98
62
ICR41
469H
274H
000FFE74H
86
Input Capture 7
99
63
270H
000FFE70H
87
Output Compare 0
100
64
ICR42
46AH
26CH
000FFE6CH
88
Output Compare 1
101
65
268H
000FFE68H
89
Output Compare 2
102
66
ICR43
46BH
264H
000FFE64H
90
Output Compare 3
103
67
260H
000FFE60H
91
System reserved
104
68
ICR44
46CH
25CH
000FFE5CH
92
System reserved
105
69
258H
000FFE58H
93
System reserved
106
6A
ICR45
46DH
254H
000FFE54H
94
System reserved
107
6B
250H
000FFE50H
95
Sound Generator
108
6C
ICR46
46EH
24CH
000FFE4CH
—
Phase Frequency Modulator
109
6D
248H
000FFE48H
—
System reserved
110
6E
ICR47 *3
46FH
244H
000FFE44H
—
System reserved
111
6F
240H
000FFE40H
—
System reserved
112
70
ICR48
470H
23CH
000FFE3CH
15, 96
System reserved
113
71
238H
000FFE38H
97
System reserved
114
72
ICR49
471H
234H
000FFE34H
98
System reserved
115
73
230H
000FFE30H
99
PPG4
116
74
ICR50
472H
22CH
000FFE2CH
100
PPG5
117
75
228H
000FFE28H
101
PPG6
118
76
ICR51
473H
224H
000FFE24H
102
PPG7
119
77
220H
000FFE20H
103
PPG8
120
78
ICR52
474H
21CH
000FFE1CH
104
PPG9
121
79
218H
000FFE18H
105
PPG10
122
7A
ICR53
475H
214H
000FFE14H
106
PPG11
123
7B
210H
000FFE10H
107
PPG12
124
7C
ICR54
476H
20CH
000FFE0CH
108
PPG13
125
7D
208H
000FFE08H
109
PPG14
126
7E
ICR55
477H
204H
000FFE04H
110
PPG15
127
7F
200H
000FFE00H
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com