Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F467DA Datasheet(PDF) 37 Page - Cypress Semiconductor

Part # MB91F467DA
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F467DA Datasheet(HTML) 37 Page - Cypress Semiconductor

Back Button MB91F467DA Datasheet HTML 33Page - Cypress Semiconductor MB91F467DA Datasheet HTML 34Page - Cypress Semiconductor MB91F467DA Datasheet HTML 35Page - Cypress Semiconductor MB91F467DA Datasheet HTML 36Page - Cypress Semiconductor MB91F467DA Datasheet HTML 37Page - Cypress Semiconductor MB91F467DA Datasheet HTML 38Page - Cypress Semiconductor MB91F467DA Datasheet HTML 39Page - Cypress Semiconductor MB91F467DA Datasheet HTML 40Page - Cypress Semiconductor MB91F467DA Datasheet HTML 41Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 137 page
background image
Document Number: 002-04613 Rev. *A
Page 37 of 137
MB91460D Series
9.4.2 Pin connections in parallel programming mode
Resetting after setting the MD[2:0] pins to [111] will halt CPU functioning. At this time, the Flash memory’s interface circuit enables
direct control of the Flash memory unit from external pins by directly linking some of the signals to General Purpose Ports. Please
see table below for signal mapping.
In this mode, the Flash memory appears to the external pins as a stand-alone unit. This mode is generally set when writing/erasing
using the parallel Flash programmer. In this mode, all operations of the 8.5 Mbits Flash memory’s Auto Algorithms are available.
Correspondence between MBM29LV400TC and Flash Memory Control Signals
MBM29LV400TC
External pins
FR-CPU mode
MB91F465DA, MB91F467Dx external pins
Comment
Flash memory
mode
Normal function
Pin number
—
INITX
—
INITX
73
RESET
—
FRSTX
P09_6
60
—
—
MD_2
MD_2
70
Set to ‘1’
—
—
MD_1
MD_1
71
Set to ‘1’
—
—
MD_0
MD_0
72
Set to ‘1’
RY/BY
FMCS:RDY bit
RY/BYX
P09_0
56
BYTE
Internally fixed to ’H’
BYTEX
P09_2
58
WE
Internal control signal +
control via interface
circuit
WEX
P13_2
191
OE
OEX
P13_1
190
CE
CEX
P13_0
189
—
ATDIN
P25_7
187
Set to ‘0’
—
EQIN
P25_6
186
Set to ‘0’
—
TESTX
P09_3
59
Set to ‘1’
—
RDYI
P09_1
57
Set to ‘0’
A-1
Internal address bus
FA0
P25_5
185
Set to ‘0’
A0 to A3
FA1 to FA4
P27_0 to P27_3
158 to 161
A4 to A7
FA5 to FA8
P27_4 to P27_7
164 to 167
A8 to A11
FA9 to FA12
P26_0 to P26_3
168 to 171
A12 to A15
FA13 to FA16
P26_4 to P26_7
174 to 177
A16 to A19
FA17 to FA20
P25_0 to P25_3
178 to 181
—
FA21
P25_4
184
Not needed on
MB91F465DA;
Set to ‘1’ on
MB91F467Dx
DQ0 to DQ7
Internal data bus
DQ0 to DQ7
P03_0 to P03_7
192 to 199
DQ8 to DQ15
DQ8 to DQ15
P02_0 to P02_7
200 to 207



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com