Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F467DA Datasheet(PDF) 40 Page - Cypress Semiconductor

Part # MB91F467DA
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F467DA Datasheet(HTML) 40 Page - Cypress Semiconductor

Back Button MB91F467DA Datasheet HTML 36Page - Cypress Semiconductor MB91F467DA Datasheet HTML 37Page - Cypress Semiconductor MB91F467DA Datasheet HTML 38Page - Cypress Semiconductor MB91F467DA Datasheet HTML 39Page - Cypress Semiconductor MB91F467DA Datasheet HTML 40Page - Cypress Semiconductor MB91F467DA Datasheet HTML 41Page - Cypress Semiconductor MB91F467DA Datasheet HTML 42Page - Cypress Semiconductor MB91F467DA Datasheet HTML 43Page - Cypress Semiconductor MB91F467DA Datasheet HTML 44Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 137 page
background image
Document Number: 002-04613 Rev. *A
Page 40 of 137
MB91460D Series
9.6.3 Security Vector FSV2
The setting of the Flash Security Vector FSV2 bits [31:0] is responsible for the individual write protection of the 64 Kbytes sectors. It
is only evaluated if write protection bit FSV1 [17] is set.
Explanation of the bits in the Flash Security Vector FSV2[31:0]
Note : See section “Flash access in CPU mode” for an overview about the sector organisation of the Flash Memory.
FSV2 bit
Sector
Enable Write Pro-
tection
Disable Write Pro-
tection
Comment
FSV2[0]
SA8 (MB91F467Dx)
set to “0”
set to “1”
FSV2[1]
SA9 (MB91F467Dx)
set to “0”
set to “1”
FSV2[2]
SA10 (MB91F467Dx)
set to “0”
set to “1”
FSV2[3]
SA11 (MB91F467Dx)
set to “0”
set to “1”
FSV2[4]
SA12
set to “0”
set to “1”
FSV2[5]
SA13
set to “0”
set to “1”
FSV2[6]
SA14
set to “0”
set to “1”
FSV2[7]
SA15
set to “0”
set to “1”
FSV2[8]
SA16
set to “0”
set to “1”
FSV2[9]
SA17
set to “0”
set to “1”
FSV2[10]
SA18
set to “0”
set to “1”
FSV2[11]
SA19
set to “0”
set to “1”
FSV2[12]
SA20 (MB91F467Dx)
set to “0”
set to “1”
FSV2[13]
SA21 (MB91F467Dx)
set to “0”
set to “1”
FSV2[14]
SA22 (MB91F467Dx)
set to “0”
set to “1”
FSV2[15]
SA23 (MB91F467Dx)
set to “0”
set to “1”
FSV2[31:16]
—
set to “0”
set to “1”
not available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com