Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F467DA Datasheet(PDF) 94 Page - Cypress Semiconductor

Part # MB91F467DA
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F467DA Datasheet(HTML) 94 Page - Cypress Semiconductor

Back Button MB91F467DA Datasheet HTML 90Page - Cypress Semiconductor MB91F467DA Datasheet HTML 91Page - Cypress Semiconductor MB91F467DA Datasheet HTML 92Page - Cypress Semiconductor MB91F467DA Datasheet HTML 93Page - Cypress Semiconductor MB91F467DA Datasheet HTML 94Page - Cypress Semiconductor MB91F467DA Datasheet HTML 95Page - Cypress Semiconductor MB91F467DA Datasheet HTML 96Page - Cypress Semiconductor MB91F467DA Datasheet HTML 97Page - Cypress Semiconductor MB91F467DA Datasheet HTML 98Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 137 page
background image
Document Number: 002-04613 Rev. *A
Page 94 of 137
MB91460D Series
(Continued)
(N+1)H
NH
(N-1)H
(N-2)H
AVSS5
AVRH
3FFH
3FEH
3FDH
004H
003H
002H
001H
AVSS5
AVRH
{1 LSB (N
- 1) + VOT}
Analog input
Analog input
Differential nonlinearity error
Nonlinearity error
Actual conversion characteristics
VFST
(measure-
ment value)
VNT
(measure-
ment value)
Actual conversion
characteristics
Ideal characteristics
VTO (measurement value)
Actual conversion characteristics
VNT
(measure-
ment value)
VFST
(measure-
ment value)
Nonlinearity error of digital output N =
1LSB
VNT  {1LSB × (N  1)  VOT} [LSB]
Differential nonlinearity error of digital output N =
1LSB
V (N 1) T  VNT  1 [LSB]
1LSB =
1022
VFST  VOT [V]
N
: A/D converter digital output value
VOT : Voltage at which the digital output changes from 000H to 001H.
VFST : Voltage at which the digital output changes from 3FEH to 3FFH.
Actual conversion
characteristics
Ideal
characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com