Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F467DA Datasheet(PDF) 15 Page - Cypress Semiconductor

Part # MB91F467DA
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F467DA Datasheet(HTML) 15 Page - Cypress Semiconductor

Back Button MB91F467DA Datasheet HTML 11Page - Cypress Semiconductor MB91F467DA Datasheet HTML 12Page - Cypress Semiconductor MB91F467DA Datasheet HTML 13Page - Cypress Semiconductor MB91F467DA Datasheet HTML 14Page - Cypress Semiconductor MB91F467DA Datasheet HTML 15Page - Cypress Semiconductor MB91F467DA Datasheet HTML 16Page - Cypress Semiconductor MB91F467DA Datasheet HTML 17Page - Cypress Semiconductor MB91F467DA Datasheet HTML 18Page - Cypress Semiconductor MB91F467DA Datasheet HTML 19Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 137 page
background image
Document Number: 002-04613 Rev. *A
Page 15 of 137
MB91460D Series
[Power supply/Ground pins]
Pin no.
Pin name
I/O
Function
1, 27, 53, 69, 79, 105, 131,
157, 188
VSS5
Supply
Ground pins
163, 173, 183
HVSS5
Ground pins for Stepper motor controller
26, 52
VDD35
Power supply pins for external data bus
78, 104, 130, 156
VDD5
Power supply pins
162, 172, 182
HVDD5
Power supply pins for Stepper motor controller
81, 82
VDD5R
Power supply pins for internal regulator
144
AVSS5
Analog ground pin for A/D converter
146
AVCC5
Power supply pin for A/D converter
145
AVRH5
Reference power supply pin for A/D converter
80
VCC18C
Capacitor connection pin for internal regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com