Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F467DA Datasheet(PDF) 118 Page - Cypress Semiconductor

Part # MB91F467DA
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F467DA Datasheet(HTML) 118 Page - Cypress Semiconductor

Back Button MB91F467DA Datasheet HTML 114Page - Cypress Semiconductor MB91F467DA Datasheet HTML 115Page - Cypress Semiconductor MB91F467DA Datasheet HTML 116Page - Cypress Semiconductor MB91F467DA Datasheet HTML 117Page - Cypress Semiconductor MB91F467DA Datasheet HTML 118Page - Cypress Semiconductor MB91F467DA Datasheet HTML 119Page - Cypress Semiconductor MB91F467DA Datasheet HTML 120Page - Cypress Semiconductor MB91F467DA Datasheet HTML 121Page - Cypress Semiconductor MB91F467DA Datasheet HTML 122Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 137 page
background image
Document Number: 002-04613 Rev. *A
Page 118 of 137
MB91460D Series
15.7.8 External Bus AC Timings at VDD35 = 3.0 to 4.5 V
• Conditions during AC measurements
All AC tests were measured under the following conditions:
-IOdrive = 5 mA
-VDD35 = 3.0 V to 4.5 V, Iload = 3 mA
-VSS5 = 0 V
-Ta =
 40°C to  105°C
-Cl = 50 pF
- VOL = 0.2 × VDD35
- VOH = 0.8 × VDD35
- EPILR = 0, PILR = 1 (Automotive Level = worst case)
Basic Timing
(VDD35 = 3.0 V to 4.5 V, Vss5 = AVss5 = 0 V, TA = 40°C to  105°C)
Parameter
Symbol
Pin name
Value
Unit
Min
Max
MCLKO
TCLCH
MCLKO
1/2 × tCLKT  13
1/2 × tCLKT  13
ns
TCHCL
1/2 × tCLKT  13
1/2 × tCLKT  13
ns
MCLKO ↓ to CSXn delay time
TCLCSL
MCLKO
CSXn
—6
ns
TCLCSH
—
7
ns
MCLKO ↑ to CSXn delay time
(Addr → CS delay)
TCHCSL
 11
0
ns
MCLKO ↓ to ASX delay time
TCLASL
MCLKO
ASX
—6
ns
TCLASH
—
9
ns
MCLKO ↓ to BAAX delay time
TCLBAL
MCLKO
BAAX
—3
ns
TCLBAH
1
—
ns
MCLKO ↓ to Address valid delay time
TCLAV
MCLKO
A25 to A0
—13
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com