Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8772 Datasheet(PDF) 42 Page - Wolfson Microelectronics plc

Part # WM8772
Description  24 BIT 192KHZ 6 CHANNEL CODEC WITH VOLUME CONTROL
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8772 Datasheet(HTML) 42 Page - Wolfson Microelectronics plc

Back Button WM8772 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 46Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 70 page
background image
WM8772EFT – 32 PIN TQFP
Production Data
w
PD Rev 4.1 October 2004
42
ADCBCLK/
DACBCLK
(Outputs)
DOUT
ADCLRC/
DACLRC
(Outputs)
t
DL
DIN1/2/3
t
DDA
t
DHT
t
DST
Figure 35 Digital Audio Data Timing – Master Mode
Test Conditions
AVDD, VREFP = 5V, DVDD = 3.3V, AGND, VREFN, DGND = 0V, TA = +25
oC, Master Mode, fs = 48kHz, DACMCLK and
ADCMCLK = 256fs unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Audio Data Input Timing Information
ADCLRC/DACLRC
propagation delay from
ADCBCLK/DACBCLK
falling edge
tDL
0
10
ns
DOUT propagation delay
from ADCBCLK falling edge
tDDA
0
10
ns
DIN1/2/3 setup time to
DACBCLK rising edge
tDST
10
ns
DIN1/2/3 hold time from
DACBCLK rising edge
tDHT
10
ns
Table 14 Digital Audio Data Timing – Master Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com