Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8772 Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM8772
Description  24 BIT 192KHZ 6 CHANNEL CODEC WITH VOLUME CONTROL
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8772 Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM8772 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 70 page
background image
WM8772
Production Data
w
PD Rev 4.1 October 2004
10
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital supply range
DVDD
2.7
3.6
V
Analogue supply range
AVDD, VREFP
2.7
5.5
V
Ground
AGND, VREFN, DGND
0
V
Difference DGND to AGND
-0.3
0
+0.3
V
Note: Digital supply DVDD must never be more than 0.3V greater than AVDD.
ELECTRICAL CHARACTERISTICS
Test Conditions
AVDD, VREFP = 5V, DVDD = 3.3V, AGND, VREFN = 0V, DGND = 0V, TA = +25
oC, fs = 48kHz, MCLK = 256fs, 32-pin TQFP
version unless otherwise stated. ADC/DAC in Slave Mode unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DAC Performance (Load = 10kΩ, 50pF)
0dBFs Full scale output voltage
1.0 x
VREFP/5
Vrms
SNR (Note 1,2,4)
A-weighted,
@ fs = 48kHz
95
103
dB
SNR (Note 1,2,4)
A-weighted
@ fs = 96kHz
102
dB
SNR (Note 1,2,4)
A-weighted
@ fs = 192kHz
101
dB
SNR (Note 1,2,4)
A-weighted
@ fs = 48kHz, AVDD =
3.3V
99
dB
SNR (Note 1,2,4)
A-weighted
@ fs = 96kHz, AVDD =
3.3V
99
dB
Dynamic Range (Note 2,4)
DNR
A-weighted, -60dB full
scale input
90
103
dB
Total Harmonic Distortion (THD)
1kHz, 0dB.Fs
-90
-80
dB
Mute Attenuation
1kHz Input, 0dB gain
100
dB
DAC channel separation
100
dB
1kHz 100mVp-p
50
dB
Power Supply Rejection Ratio
PSRR
20Hz to 20kHz
100mVp-p
45
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com