Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8772 Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM8772
Description  24 BIT 192KHZ 6 CHANNEL CODEC WITH VOLUME CONTROL
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8772 Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM8772 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 11Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 70 page
background image
Production Data
WM8772
w
PD Rev 4.1 October 2004
7
PIN DESCRIPTION – 28 LEAD SSOP
PIN
NAME
TYPE
DESCRIPTION
1
MODE
Digital input
Control format selection
0 = Software control
1 = Hardware control
2
MCLK
Digital input
Master clock; 256, 384, 512 or 768fs (fs = word clock frequency)
(combined ADCMCLK and DACMCLK)
3
BCLK
Digital input/output
Audio interface bit clock (combined ADCBCLK and DACBCLK)
4
LRC
Digital input/output
Audio left/right word clock (combined ADCLRC and DACLRC)
5
DVDD
Supply
Digital positive supply
6
DGND
Supply
Digital negative supply
7
DIN1
Digital input
DAC channel 1 data input
8
DIN2
Digital input
DAC channel 2 data input
9
DIN3
Digital input
DAC channel 3 data input
10
DOUT
Digital output
ADC data output
11
ML/I2S
Digital input
Software Mode: Serial interface Latch signal
Hardware Mode: Input Audio Data Format
12
MC/IWL
Digital input
Software Mode: Serial control interface clock
Hardware Mode: Audio data input word length
13
MD/DM
Digital input
Software Mode: Serial interface data
Hardware Mode: De-emphasis selection
14
MUTE
Digital input/output
DAC Zero Flag output or DAC mute input
15
REFADC
Analogue output
ADC reference buffer decoupling pin; 10uF external decoupling
16
VREFN
Supply
ADC and DAC negative supply
17
VREFP
Supply
DAC positive reference supply
18
VMID
Analogue output
Midrail divider decoupling pin; 10uF external decoupling
19
AINR
Analogue input
ADC right input
20
AINL
Analogue input
ADC left input
21
VOUT1L
Analogue output
DAC channel 1 left output
22
VOUT1R
Analogue output
DAC channel 1 right output
23
VOUT2L
Analogue output
DAC channel 2 left output
24
VOUT2R
Analogue output
DAC channel 2 right output
25
VOUT3L
Analogue output
DAC channel 3 left output
26
VOUT3R
Analogue output
DAC channel 3 right output
27
AGND
Supply
Analogue negative supply and substrate connection
28
AVDD
Supply
Analogue positive supply
Note: Digital input pins have Schmitt trigger input buffers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com