Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8772 Datasheet(PDF) 22 Page - Wolfson Microelectronics plc

Part # WM8772
Description  24 BIT 192KHZ 6 CHANNEL CODEC WITH VOLUME CONTROL
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8772 Datasheet(HTML) 22 Page - Wolfson Microelectronics plc

Back Button WM8772 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 26Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 70 page
background image
WM8772EDS – 28 PIN SSOP
Production Data
w
PD Rev 4.1 October 2004
22
The MUTE pin is an input to select mute or not mute. MUTE is active high; taking the pin high causes
the filters to soft mute, ramping down the audio signal over a few milliseconds. Taking MUTE low
again allows data into the filter.
The automute function detects a series of ZERO value audio samples of 1024 samples long being
applied to both channels. After such an event, a latch is set whose output (AUTOMUTED) is wire
OR’ed through a 10kΩ resistor to the MUTE pin. Thus if the MUTE pin is not being driven, the
automute function will assert mute.
If MUTE is tied low, AUTOMUTED is overridden and will not mute unless the IZD register bit is set. If
MUTE is driven from a bi-directional source, then both MUTE and automute functions are available. If
MUTE is not driven, AUTOMUTED appears as a weak output (10kΩ source impedance) and can be
used to drive external mute circuits. AUTOMUTED will be removed as soon as any channel receives
a non-ZERO input.
A diagram showing how the various Mute modes interact is shown below Figure 20.
IZD (Register Bit)
AUTOMUTED
(Internal Signal)
10k
Ω
Ω
Ω
Ω
MUTE (Register Bit)
SOFTMUTE
(Internal
Signal)
MUTE
PIN
Figure 20 Selection Logic for MUTE Modes
INPUT FORMAT SELECTION
In hardware mode, ML/I2S and MC/IWL become input controls for selection of input data format type
and input data word length for both the ADC and DAC.
ML/I2S
MC/IWL
INPUT DATA MODE
0
0
24-bit right justified
0
1
20-bit right justified
1
0
16-bit I
2S
1
1
24-bit I
2S
Table 8 Input Format Selection
Note:
In 24 bit I
2S mode, any width of 24 bits or less is supported provided that the left/right clocks (LRC)
are high for a minimum of 24 bit clocks (BCLK) and low for a minimum of 24 bit clocks.
DE-EMPHASIS CONTROL
In hardware mode, the MD/DM pin becomes an input control for selection of de-emphasis filtering to
be applied.
MD/DM
DE-EMPHASIS
0
Off
1
On
Table 9 De-emphasis Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com