Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8772 Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM8772
Description  24 BIT 192KHZ 6 CHANNEL CODEC WITH VOLUME CONTROL
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8772 Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM8772 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 15Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 70 page
background image
Production Data
WM8772
w
PD Rev 4.1 October 2004
11
Test Conditions
AVDD, VREFP = 5V, DVDD = 3.3V, AGND, VREFN = 0V, DGND = 0V, TA = +25
oC, fs = 48kHz, MCLK = 256fs, 32-pin TQFP
version unless otherwise stated. ADC/DAC in Slave Mode unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADC Performance
Input Signal Level (0dB)
2.0 x
REFADC/5
Vrms
Input resistance
20
kΩ
Input capacitance
10
pF
SNR (Note 1,2,4)
A-weighted, 0dB gain
@ fs = 48kHz
80
100
dB
SNR (Note 1,2,4)
A-weighted, 0dB gain
@ fs = 96kHz
64 x OSR
100
dB
SNR (Note 1,2,4)
A-weighted, 0dB gain
@ fs = 48kHz, AVDD =
3.3V
93
dB
SNR (Note 1,2,4)
A-weighted, 0dB gain
@ fs = 96kHz, AVDD
= 3.3V
64 x OSR
93
dB
kHz, 0dBFs
-80
dB
Total Harmonic Distortion (THD)
1kHz, -1dBFs
-82
dB
ADC Channel Separation
1kHz Input
90
dB
Mute Attenuation
1kHz Input, 0dB gain
90
dB
1kHz 100mVpp
50
dB
Power Supply Rejection Ratio
PSRR
20Hz to 20kHz
100mVpp
45
dB
Digital Logic Levels (CMOS Levels)
Input LOW level
VIL
0.3 x DVDD
V
Input HIGH level
VIH
0.7 x DVDD
V
Input leakage current
±0.2
±1
µA
Input capacitance
5
pF
Output LOW
VOL
IOL=1mA
0.1 x DVDD
V
Output HIGH
VOH
IOH= -1mA
0.9 x DVDD
V
Analogue Reference Levels
Reference voltage
VVMID
VREFP/2 –
50mV
VREFP/2
VREFP/2 +
50mV
V
Potential divider resistance
RVMID
VREFP to VMID and
VMID to VREFN
50
kΩ
Supply Current
Analogue supply current
AVDD, VREFP = 5V
45
mA
Digital supply current
DVDD = 3.3V
16
mA
Notes:
1.
Ratio of output level with 1kHz full scale input, to the output level with all zeros into the digital input, measured ‘A’
weighted.
2.
All performance measurements done with 20kHz low pass filter, and where noted an A-weight filter. Failure to use
such a filter will result in higher THD+N and lower SNR and Dynamic Range readings than are found in the Electrical
Characteristics. The low pass filter removes out of band noise; although it is not audible it may affect dynamic
specification values.
3.
VMID decoupled with 10uF and 0.1uF capacitors (smaller values may result in reduced performance).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com