Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8772 Datasheet(PDF) 30 Page - Wolfson Microelectronics plc

Part # WM8772
Description  24 BIT 192KHZ 6 CHANNEL CODEC WITH VOLUME CONTROL
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8772 Datasheet(HTML) 30 Page - Wolfson Microelectronics plc

Back Button WM8772 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 34Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 70 page
background image
WM8772EDS – 28 PIN SSOP
Production Data
w
PD Rev 4.1 October 2004
30
ADC AND DAC DIGITAL AUDIO INTERFACE CONTROL REGISTER
Interface format is selected via the FMT[1:0] register bits:
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0000011
Interface Control
1:0
FMT
[1:0]
00
Interface Format Select:
00 : Right justified mode
01: Left justified mode
10: I
2S mode
11: DSP (early or late) mode
In left justified, right justified or I
2S modes, the LRP register bit controls the polarity of LRC. If this bit
is set high, the expected polarity of LRC will be the opposite of that shown Figure 23, Figure 24 and
Figure 25. Note that if this feature is used as a means of swapping the left and right channels, a 1
sample phase difference will be introduced. In DSP modes, the LRP register bit is used to select
between early and late modes.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
In left/right/I
2S Modes:
LRC Polarity (normal)
0 : Normal LRC polarity
1: Inverted LRC polarity
0000011
Interface Control
2
LRP
0
In DSP Mode:
0 : Early DSP mode
1: Late DSP mode
By default, LRC and DIN1/2/3 are sampled on the rising edge of BCLK and should ideally change on
the falling edge. By default, LRC and DOUT are sampled on the rising edge of BCLK and should
ideally change on the falling edge. Data sources that change LRC and DOUT on the rising edge of
BCLK can be supported by setting the BCP register bit. Data sources that change LRC and DIN1/2/3
on the rising edge of BCLK can be supported by setting the BCP register bit. Setting BCP to 1
inverts the polarity of BCLK to the inverse of that shown in Figure 23, Figure 24, Figure 25, Figure
26, Figure 27, Figure 28 and Figure 29.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0000011
Interface Control
3
BCP
0
BCLK Polarity (DSP Modes):
0: Normal BCLK polarity
1: Inverted BCLK polarity
The IWL[1:0] bits are used to control the input word length.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0000011
Interface Control
5:4
IWL
[1:0]
00
Input Word Length:
00 : 16 bit data
01: 20 bit data
10: 24 bit data
11: 32 bit data
Note: 32-bit right justified mode is not supported.
In all modes, the data is signed 2's complement. The digital filters always input 24-bit data. If the
DAC is programmed to receive 16 or 20 bit data, the WM8772EDS pads the unused LSBs with
zeros. If the DAC is programmed into 32 bit mode, the 8 LSBs are ignored.
Note: In 24 bit I
2S mode, any width of 24 bits or less is supported provided that LRC is high for a
minimum of 24 BCLKs and low for a minimum of 24 BCLKs.
A number of options are available to control how data from the Digital Audio Interface is applied to
the DAC channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com