Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8772 Datasheet(PDF) 34 Page - Wolfson Microelectronics plc

Part # WM8772
Description  24 BIT 192KHZ 6 CHANNEL CODEC WITH VOLUME CONTROL
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8772 Datasheet(HTML) 34 Page - Wolfson Microelectronics plc

Back Button WM8772 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 38Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 70 page
background image
WM8772EDS – 28 PIN SSOP
Production Data
w
PD Rev 4.1 October 2004
34
MASTER MODE LRC FREQUENCY SELECT
In Master mode the WM8772EDS generates LRC and BCLK. These clocks are derived from the
master clock and the ratio of MCLK to LRC is set by RATE.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0001010
Interface Control
8:6
RATE [2:0]
010
Master Mode
MCLK:LRC Ratio Select:
000: 128fs (DAC only)
001: 192fs (DAC only)
010: 256fs
011: 384fs
100: 512fs
101: 768fs
ADC OVERSAMPLING RATE SELECT
For ADC operation at 96kHz it is recommended that the user set the ADCOSR bit. This changes the
ADC signal processing oversample rate to 64fs. The 64fs oversampling rate is only available in
modes were a 96KHz rate is supported, i.e. 256fs or 384fs. In all other modes the ADC will stay in a
128fs oversampling rate irrespective of what this bit is set to.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0001011
ADC Oversampling Rate
8
ADCOSR
0
ADC Oversampling Rate Select:
0: 128x oversampling
1: 64x oversampling
ADC HIGHPASS FILTER DISABLE
The ADC digital filters contain a digital highpass filter. This defaults to enabled and can be disabled
using software control bit ADCHPD.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0001100
ADC Control
3
ADCHPD
0
ADC Highpass Filter Disable:
0: Highpass filter enabled
1: Highpass filter disabled
MUTE PIN DECODE
The MUTE pin can either be used an output or an input. When used as an input the MUTE pins
action can controlled by setting the DZFM bit to select the corresponding DAC for applying the MUTE
to. As an output its meaning is selected by the DZFM control bits. By default selecting the MUTE to
represent if DAC1 has received more than 1024 midrail samples will cause the MUTE to be asserted
a softmute on DAC1. Disabling the decode block will cause any logical high on the MUTE pin to
apply a softmute to all DAC’s.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0001100
ADC Control
6
MPD
0
MUTE Pin Decode Disable:
0: MUTE pin decode enable
1: MUTE pin decode disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com