Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8772 Datasheet(PDF) 46 Page - Wolfson Microelectronics plc

Part # WM8772
Description  24 BIT 192KHZ 6 CHANNEL CODEC WITH VOLUME CONTROL
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8772 Datasheet(HTML) 46 Page - Wolfson Microelectronics plc

Back Button WM8772 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 50Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 70 page
background image
WM8772EFT – 32 PIN TQFP
Production Data
w
PD Rev 4.1 October 2004
46
DEVICE DESCRIPTION
INTRODUCTION
WM8772EFT is a complete 6-channel DAC, 2-channel ADC audio codec, including digital
interpolation and decimation filters, multi-bit sigma delta stereo ADC, and switched capacitor multi-
bit sigma delta DACs with digital volume controls on each channel and output smoothing filters.
The device is implemented as three separate stereo DACs and a stereo ADC in a single package
and controlled by a single interface.
Each stereo DAC has its own data input DIN1/2/3. DAC word clock DACLRC, DAC bit clock
DACBCLK and DAC master clock DACMCLK are shared between them. The stereo ADC has it’s
own data output DOUT, word clock ADCLRC, bit clock ADCBCLK and ADC master clock ADCMCLK.
This allows the ADC and DAC to run independently.
The Audio Interface may be configured to operate in either master or slave mode. In Slave mode
ADCLRC and ADCBCLK, DACLRC and DACBCLK are all inputs. In Master mode ADCLRC and
ADCBCLK, DACLRC and DACBCLK are all outputs. The DAC’s and ADC can be in any combination
of master or slave mode.
Each DAC has its own digital volume control that is adjustable in 0.5dB steps. The digital volume
controls may be operated independently. In addition, a zero cross detect circuit is provided for each
DAC for the digital volume controls. The digital volume control detects a transition through the zero
point before updating the volume. This minimises audible clicks and ‘zipper’ noise as the gain values
change.
Control of internal functionality of the device is by 3-wire serial or pin programmable control interface.
The software control interface may be asynchronous to the audio data interface as control data will
be re-synchronised to the audio processing internally.
Operation using master clocks of 128fs, 192fs, 256fs, 384fs, 512fs or 768fs is provided for the DAC,
and 256fs, 384fs, 512fs, and 768fs is provided for the ADC. In Slave mode selection between clock
rates is automatically controlled. In master mode, the sample rate is set by control bits ADCRATE
and DACRATE. Audio sample rates (fs) from less than 8ks/s up to 192ks/s are allowed for the DAC
and from less than 32ks/s up to 96ks/s for the ADC, provided the appropriate master clock is input.
The audio data interface supports right, left and I
2S interface formats along with a highly flexible DSP
serial port interface.
AUDIO DATA SAMPLING RATES
In a typical digital audio system there is only one central clock source producing a reference clock to
which all audio data processing is synchronised. This clock is often referred to as the audio system’s
Master Clock. The external master system clock can be applied directly through the ADC and DAC
MCLK input pin(s) with no software configuration necessary. In a system where there are a number
of possible sources for the reference clock it is recommended that the clock source with the lowest
jitter be used to optimise the performance of the ADC and DAC.
The DAC master clock for WM8772EFT supports audio sampling rates from 128fs to 768fs, where fs
is the audio sampling frequency (DACLRC) typically 32kHz, 44.1kHz, 48kHz, 96kHz or 192kHz (for
DAC operation only). The ADC master clock for WM8772EFT supports audio sampling rates from
256fs to 768fs, where fs is the audio sampling frequency (ADCLRC) typically 32kHz, 44.1kHz,
48kHz, 96kHz or 192kHz. The master clock is used to operate the digital filters and the noise shaping
circuits.
In Slave mode the WM8772EFT has a master clock detection circuit that automatically determines
the relationship between the system clock frequency and the sampling rate (to within +/- 32 master
clocks). If there is a greater than 32 clocks error the interface defaults to 768fs mode. The master
clocks must be synchronised with ADCLRC and DACLRC respectively, although the WM8772EFT is
tolerant of phase variations or jitter on this clock. Table 6 shows the typical master clock frequency
inputs for the WM8772EFT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com