Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8772 Datasheet(PDF) 26 Page - Wolfson Microelectronics plc

Part # WM8772
Description  24 BIT 192KHZ 6 CHANNEL CODEC WITH VOLUME CONTROL
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8772 Datasheet(HTML) 26 Page - Wolfson Microelectronics plc

Back Button WM8772 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 30Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 70 page
background image
WM8772EDS – 28 PIN SSOP
Production Data
w
PD Rev 4.1 October 2004
26
The MSB of the left channel ADC data is output on DOUT and changes on the first falling edge of
BCLK following a low to high LRC transition and may be sampled on the rising edge of BCLK. The
right channel ADC data is contiguous with the left channel data (Figure 27)
ADCLRC
ADCBCLK
DOUT
Input Word Length (IWL)
1/fs
LEFT CHANNEL
n
2
1
n-1
LSB
MSB
n
2
1
n-1
RIGHT CHANNEL
NO VALID DATA
1 BCLK
1 BCLK
Figure 27 DSP Early Mode Timing Diagram – ADC Data Output
DSP LATE MODE
In DSP late mode, the MSB of DAC channel 1 left data is sampled by the WM8772EDS on the first
BCLK rising edge following a LRC rising edge. DAC channel 1 right and DAC channels 2 and 3 data
follow DAC channel 1 left data (Figure 28).
DACLRC
DACBCLK
DIN1
Input Word Length (IWL)
1/fs
CHANNEL 1
LEFT
n
2
1
n-1
LSB
MSB
n
2
1
n-1
CHANNEL 1
RIGHT
2
1
CHANNEL 2
LEFT
n
n-1
CHANNEL 3
RIGHT
NO VALID DATA
1
Figure 28 DSP Late Mode Timing Diagram – DAC Data Input
The MSB of the left channel ADC data is output on DOUT and changes on the same falling edge of
BCLK as the low to high LRC transition and may be sampled on the rising edge of BCLK. The right
channel ADC data is contiguous with the left channel data (Figure 29).
ADCLRC
BCK
DOUT
Input Word Length (IWL)
1/fs
LEFT CHANNEL
n
2
1
n-1
LSB
MSB
n
2
1
n-1
RIGHT CHANNEL
NO VALID DATA
1
Figure 29 DSP Late Mode Timing Diagram – ADC Data Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com